Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-817B13AMC-CWC-T2 Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S-817B13AMC-CWC-T2
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B13AMC-CWC-T2 Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S-817B13AMC-CWC-T2 Datasheet HTML 10Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 11Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 12Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 13Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 14Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 15Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 16Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 17Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 Series
Rev.3.0_00
Seiko Instruments Inc.
14
Operation
1. Basic Operation
Figure 13 shows the block diagram of the S-817 Series.
The error amplifier compares the reference voltage (Vref) with Vfb, which is the output voltage resistance-
divided by feedback resistors Rs and Rf. It supplies the output transistor with the gate voltage necessary
to ensure a certain output voltage free of any fluctuations of input voltage and temperature.
Reference voltage
circuit
VOUT
*1
VSS
VIN
Rs
Rf
Error
amplifier
Current
supply
Vref
−
+
Vfb
*1. Parasitic diode
Figure 13
2. Output Transistor
The S-817 series uses a P-channel MOS FET as the output transistor.
Be sure that VOUT does not exceed VIN
+0.3 V to prevent the voltage regulator from being damaged due to
inverse current flowing from VOUT pin through a parastic diode to VIN pin.
3. Short Circuit Protection
The S-817A series incorporates a short circuit protection to protect the output transistor against short
circuit between VOUT pin and VSS pin. Installation of the short-circuit protection which protects the
output transistor against short-circuit between VOUT and VSS can be selected in the S-817A series. The
short-circuit protection controls output current as shown in the “Typical Characteristics 1.”. Output
Voltage versus Output Current, and suppresses output current at about 40 mA even if VOUT and VSS
pins are short-circuited.
The short-circuit protection can not be a thermal protection at the same time. Attention should be paid to
the Input voltage and the load current under the actual condition so as not to exceed the power
dissipation of the package including the case for short-circuit.
When the output current is large and the difference between input and output voltage is large even if not
shorted, the short-circuit protection may work and the output current is suppressed to the specified value.
In addition, S-817B series is removing a short-circuit protection, and is the product which enabled it to
pass large current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com