Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB5340 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CSB5340
Description  101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CSB5340 Datasheet(HTML) 1 Page - Cirrus Logic

  CSB5340 Datasheet HTML 1Page - Cirrus Logic CSB5340 Datasheet HTML 2Page - Cirrus Logic CSB5340 Datasheet HTML 3Page - Cirrus Logic CSB5340 Datasheet HTML 4Page - Cirrus Logic CSB5340 Datasheet HTML 5Page - Cirrus Logic CSB5340 Datasheet HTML 6Page - Cirrus Logic CSB5340 Datasheet HTML 7Page - Cirrus Logic CSB5340 Datasheet HTML 8Page - Cirrus Logic CSB5340 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
www.cirrus.com
CS5340
101 dB, 192 kHz, Multi-Bit Audio A/D Converter
Features
Advanced multi-bit Delta-Sigma architecture
24-bit conversion
Supports all audio sample rates including
192 kHz
101 dB Dynamic Range at 5 V
-94 dB THD+N
High-pass filter to remove DC offsets
Analog/digital core supplies from 3.3 V to 5 V
Supports logic levels between 1.8 V and 5 V
Low-latency digital filter
Auto-mode selection
Pin compatible with the CS5341
General Description
The CS5340 is a complete analog-to-digital converter for
digital audio systems. It performs sampling, analog-to-
digital conversion, and anti-alias filtering, generating
24-bit values for both left and right inputs in serial form at
sample rates up to 200 kHz per channel.
The CS5340 uses a 5th-order, multi-bit Delta-Sigma
modulator followed by digital filtering and decimation,
which removes the need for an external anti-alias filter.
The CS5340 is ideal for audio systems requiring wide dy-
namic range, negligible distortion and low noise, such as
set-top boxes, DVD-karaoke players, DVD recorders,
A/V receivers, and automotive applications.
ORDERING INFORMATION
CS5340-CZZ, Lead Free -10° to 70° C 16-pin TSSOP
CS5340-DZZ, Lead Free -40° to 85° C 16-pin TSSOP
CDB5340
Evaluation Board
Voltage Reference
Serial Output Interface
Digital
Filter
High
Pass
Filter
High
Pass
Filter
Decimation
Digital
Filter
Decimation
DAC
-
+
S/H
DAC
-
+
S/H
AINR
SCLK
SDOUT
MCLK
RST
VQ
LRCK
AINL
FILT+
M0
REFGND
VL
Q
LP Filter
Q
LP Filter
M1
VD
GND
VA
3.3V - 5.0V
3.3V - 5.0V
1.8V - 5.0V
Aug ‘04
DS601PP2


Similar Part No. - CSB5340

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSB500 MURATA-CSB500 Datasheet
447Kb / 10P
Techinical Data Ceramic Resonatoe
logo
Continental Device Indi...
CSB507 CDIL-CSB507 Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
CSB507C CDIL-CSB507C Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
CSB507D CDIL-CSB507D Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
CSB507E CDIL-CSB507E Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
More results

Similar Description - CSB5340

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340 CIRRUS-CS5340_06 Datasheet
430Kb / 22P
101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
108 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com