Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB5340 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CSB5340
Description  101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CSB5340 Datasheet(HTML) 3 Page - Cirrus Logic

  CSB5340 Datasheet HTML 1Page - Cirrus Logic CSB5340 Datasheet HTML 2Page - Cirrus Logic CSB5340 Datasheet HTML 3Page - Cirrus Logic CSB5340 Datasheet HTML 4Page - Cirrus Logic CSB5340 Datasheet HTML 5Page - Cirrus Logic CSB5340 Datasheet HTML 6Page - Cirrus Logic CSB5340 Datasheet HTML 7Page - Cirrus Logic CSB5340 Datasheet HTML 8Page - Cirrus Logic CSB5340 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
CS5340
DS601PP2
3
LIST OF FIGURES
Figure 1. Single Speed Mode Stopband Rejection ....................................................................... 10
Figure 2. Single Speed Mode Stopband Rejection ....................................................................... 10
Figure 3. Single Speed Mode Transition Band (Detail)................................................................. 10
Figure 4. Single Speed Mode Passband Ripple ........................................................................... 10
Figure 5. Double Speed Mode Stopband Rejection...................................................................... 10
Figure 6. Double Speed Mode Stopband Rejection...................................................................... 10
Figure 7. Double Speed Mode Transition Band (Detail) ............................................................... 11
Figure 8. Double Speed Mode Passband Ripple .......................................................................... 11
Figure 9. Quad Speed Mode Stopband Rejection ........................................................................ 11
Figure 10. Quad Speed Mode Stopband Rejection ...................................................................... 11
Figure 11. Quad Speed Mode Transition Band (Detail) ................................................................ 11
Figure 12. Quad Speed Mode Passband Ripple........................................................................... 11
Figure 13. Master Mode, Left Justified SAI ................................................................................... 14
Figure 14. Slave Mode, Left Justified SAI ..................................................................................... 14
Figure 15. Master Mode, I2S SAI .................................................................................................. 14
Figure 16. Slave Mode, I2S SAI .................................................................................................... 14
Figure 17. Typical Connection Diagram ........................................................................................ 16
Figure 18. CS5340 Master Mode Clocking ................................................................................... 18
Figure 19. Left-Justified Serial Audio Interface ............................................................................. 19
Figure 20. I2S Serial Audio Interface............................................................................................. 19
Figure 21. CS5340 Recommended Analog Input Buffer............................................................... 20
Figure 22. CS5340 THD+N versus Frequency ............................................................................. 21
LIST OF TABLES
Table 1. Speed Modes and the Associated Output Sample Rates (Fs)........................................ 17
Table 2. CS5340 Mode Control..................................................................................................... 17
Table 3. Master Clock (MCLK) Ratios........................................................................................... 19
Table 4. Master Clock (MCLK) Frequencies for Standard Audio Sample Rates .......................... 19
Table 5. Revision History .............................................................................................................. 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com