Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044AI Datasheet(PDF) 19 Page - Texas Instruments

Part # TUSB8044AI
Description  four-port USB 3.2 x1 Gen1 hub with USB billboard
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044AI Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB8044AI Datasheet HTML 15Page - Texas Instruments TUSB8044AI Datasheet HTML 16Page - Texas Instruments TUSB8044AI Datasheet HTML 17Page - Texas Instruments TUSB8044AI Datasheet HTML 18Page - Texas Instruments TUSB8044AI Datasheet HTML 19Page - Texas Instruments TUSB8044AI Datasheet HTML 20Page - Texas Instruments TUSB8044AI Datasheet HTML 21Page - Texas Instruments TUSB8044AI Datasheet HTML 22Page - Texas Instruments TUSB8044AI Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
19
TUSB8044A
www.ti.com
SLLSF92A – FEBRUARY 2019 – REVISED MARCH 2019
Product Folder Links: TUSB8044A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.3.4 USB2.0 Billboard
Integrated in the TUSB8044A is a USB2.0 Billboard device which complies to the “USB Device Class Definition
for Billboard Devices Version 1.21” specification. The billboard device is attached to the highest number
downstream port of TUSB8044A USB2.0 hub. The purpose of the billboard is to communicate Alternate Mode
status to the host system. The TUSB8044A supports only one Alternate Mode.
There are three pins, typically controlled by a USB Power Deliver (USB PD) controller, used to configure
TUSB8044A Billboard functionality: BBEN, BBbmConfigured0, and BBbmConfigured1. The pins are only used
when I2C mode is selected. If SMBus mode is selected, then TUSB8044A registers are used instead.
BBEN pin controls whether or not Billboard is presented to the Host system. When BBEN pin is high, the
Billboard is presented to the Host system. In SMBus mode, BillboardEN field in the Billboard Configuration
register performs this function.
BBbmConfigured[1:0] pins map directly to the bmConfigured fields in the Billboard Capability Descriptor. These
two pins must be set to reflect the Alternate Mode status before BBEN is asserted high. If Alternate Mode status
changes after BBEN pin is high, BBEN pin must be transitioned low, BBbmConfigured[1:0] pins updated to reflect
new status, and then BBEN pin asserted high. For cases in which USB PD controller only has one available
GPIO to control TUSB8044A Billboard functionality, BBbmConfigured[1:0] pins should be tied to GND and BBEN
pin must be asserted when an Alternate Mode failure occurs. In SMBus mode, bbConfigured and BillboardEn
fields located in Billboard Configuration register performs this function.
In I2C mode, the TUSB8044A billboard capability descriptor fields can be changed using an external EEPROM.
At power-up, the unique billboard fields from external EEPROM are loaded into TUSB8044A billboard. Fields
controlled by EEPROM are described in Table 4. When an EEPROM is not used, the TUSB8044A’s default
values as indicated in Table 4 are used.
In SMBus mode, the TUSB8044A billboard capability descriptor fields can be changed by the external SMBus
master. The SMBus master can write to String1 starting at address 0x100 and String2 starting at address 0x1F0.
Please note if SMBus master writes data to address 0x2F0 through 0x2FF, this will overwrite data at addresses
0x1F0 through 0x1FF.
Table 4. EEPROM Billboard Capability Descriptor Map
SIZE
I2C EEPROM
ADDRESS
TUSB8044A DEFAULT WHEN
EEPROM NOT USED
DESCRIPTION
4-bytes
0x0F,0x0E, 0x0D,
0x0C
0x00001C45
AlternateModeVdo. dwAlternateModeVdo field for the
Billboard Alternate Mode Capability Descriptor.
2-bytes
0x28,0x27
0xFF01 (DisplayPort)
SVID.
2-bytes
0x2A,0x29
0x82EE
Billboard PID. Billboard and hub will share the same VID.
1-byte
0x2B
0x80
Billboard Configuration. When EEPROM used, this field
must be set to 0x80.
1-byte
0x2C
0 = use default string in ROM
BBString1Len. # of Unicode characters (2 bytes each) in
string 1. BBString1Len size can not exceed 120 characters
(240 bytes).
1-byte
0x2D
0 = use default string in ROM
BBString2Len. # of Unicode characters (2 bytes each) in
string 2. BBString2Len size can not exceed 120 characters
(240 bytes).
240 bytes
0x100
http://www.displayport.org
String 1. AdditionalInfoURL – required string descriptor
providing a URL where the user can go to get more
detailed information about the product and the various
Alternate Modes it supports.
240 bytes
0x1F0
“DisplayPort”
String 2. AlternateModeString – optional string to describe
the alternate mode, which may include a URL. From
Billboard spec, An example string is DisplayPort to VGA
adapter. For further assistance, see
http://help.vesa.org/dp-usb-type-c/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com