Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044AI Datasheet(PDF) 49 Page - Texas Instruments

Part # TUSB8044AI
Description  four-port USB 3.2 x1 Gen1 hub with USB billboard
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044AI Datasheet(HTML) 49 Page - Texas Instruments

Back Button TUSB8044AI Datasheet HTML 45Page - Texas Instruments TUSB8044AI Datasheet HTML 46Page - Texas Instruments TUSB8044AI Datasheet HTML 47Page - Texas Instruments TUSB8044AI Datasheet HTML 48Page - Texas Instruments TUSB8044AI Datasheet HTML 49Page - Texas Instruments TUSB8044AI Datasheet HTML 50Page - Texas Instruments TUSB8044AI Datasheet HTML 51Page - Texas Instruments TUSB8044AI Datasheet HTML 52Page - Texas Instruments TUSB8044AI Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
VBUS
1
D-
2
D+
3
GND
4
SSRX-
5
SSRX+
6
GND_DRAIN
7
SSTX-
8
SSTX+
9
SHIELD
S1
SHIELD
S2
SHIELD
S3
SHIELD
S4
TypeA_receptacle_Port2
USB_DP_DN2
USB_DM_DN2
USB_TXP_DN2
USB_TXM_DN2
USB_RXP_DN2
USB_RXM_DN2
PWRCT2_BATEN2
OVERCUR2z
3P3V
USB_RXP_DN2
USB_RXM_DN2
0.1uF
C13
0.1uF
C14
GND
0.1uF
C16
0.001uF
C15
1M
R4
GND
USB_TXP_DN2
USB_TXM_DN2
220 ohm
FB1
DN2_VBUS
0.1uF
C12
GND
USB_SSTXP_DN2
11
USB_SSTXM_DN2
12
USB_SSRXP_DN2
14
USB_SSRXM_DN2
15
USB_DP_DN2
9
USB_DM_DN2
10
PWRCTL2/BATEN2
35
OVERCUR2
47
U1C
TUSB8044ARGCR
4.7k
R3
GND
GND
GND
A1
TX1+
A2
TX1-
A3
VBUS
A4
CC1
A5
D+
A6
D-
A7
SBU1
A8
VBUS
A9
RX2-
A10
RX2+
A11
GND
A12
GND
B1
TX2+
B2
TX2-
B3
VBUS
B4
CC2
B5
D+
B6
D-
B7
SBU2
B8
VBUS
B9
RX1-
B10
RX1-
B11
GND
B12
Shield
S1
Shield
S2
Shield
S3
Shield
S4
Type-C receptacle Port 1
DFP_VBUS
1uF
C8
DFP_TX2M
DFP_TX2P
DFP_RX1M
DFP_RX1P
DFP_CC1
DFP_CC1
DFP_CC2
DFP_TX1M
DFP_TX1P
DFP_RX2M
DFP_RX2P
DFP_DM
DFP_DP
DFP_VBUS
DFP_CC2
DFP_DM
DFP_DP
DFP_DP
DFP_DM
DFP_TXP
DFP_TXM
DFP_RXP
DFP_RXM
DFP_TXP
DFP_TXM
DFP_RXP
DFP_RXM
SS_SEL_DP
DFP_TX1P
DFP_TX1N
DFP_TX2P
DFP_TX2M
DFP_RX1P
DFP_RX1M
DFP_RX2P
DFP_RX2M
4.7k
R3
3P3V
SS MUX
SS MUX
U2
0.1uF
C4
0.1uF
C5
0.1uF
C6
0.1uF
C7
OVERCUR1z
PWRCT1_BATEN1
USB_SSTXP_DN1
3
USB_SSTXM_DN1
4
USB_SSRXP_DN1
6
USB_SSRXM_DN1
7
USB_DP_DN1
1
USB_DM_DN1
2
PWRCTL1/BATEN1
36
OVERCUR1
46
U1B
TUSB8044ARGCR
49
TUSB8044A
www.ti.com
SLLSF92A – FEBRUARY 2019 – REVISED MARCH 2019
Product Folder Links: TUSB8044A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.2.1.2.2
Downstream Port 1 Implementation
The downstream port 1 of the TUSB8044A is connected to a USB Type-C receptacle. With BATEN1 pin pulled
up, Battery Charge support is enabled for Port 1. If Battery Charge support is not needed, then pull-up resistor on
BATEN1 should be uninstalled. A 1:2 MUX passive MUX is used to route the hub downstream port's super
speed signals to the appropriate location on the USB Type-C receptacle. The MUX orientation is controlled by
the PD controller through the SEL signal. A example 1:2 passive MUX that could be used is the Texas
Instrument's HD3SS3212.
Figure 38. Downstream Port 1 Implementation
9.2.1.2.3
Downstream Port 2 Implementation
The downstream port 2 of the TUSB8044A is connected to a USB3 Type A connector. With BATEN2 pin pulled
up, Battery Charge support is enabled for Port 2. If Battery Charge support is not needed, then pull-up resistor on
BATEN2 should be uninstalled. For ferrite bead used on the VBUS connection, a lower resistance is
recommended due to noticeable IR drop during high current charging modes. The isolation between the Type-A
connectors shield ground and signal ground pins is not required. Some applications may have better ESD/EMI
performance when the grounds are shorted together.
Figure 39. Downstream Port 2 Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com