Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT800 Datasheet(PDF) 2 Page - Solid State Optronic

Part # SDT800
Description  DC Input Dual Optocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDT800 Datasheet(HTML) 2 Page - Solid State Optronic

  SDT800 Datasheet HTML 1Page - Solid State Optronic SDT800 Datasheet HTML 2Page - Solid State Optronic SDT800 Datasheet HTML 3Page - Solid State Optronic SDT800 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SDT800
DC Input Dual
Optocoupler
ELECTRICAL CHARACTERISTICS - 25°
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.4
If = 10mA
Peak Forward Voltage
V
3
Ifm = 0.5A
Reverse Current
µ
10
Vr=4V
A
OUTPUT SPECIFICATIONS
Collector-Emitter Breakdown Voltage
V
60
Ic = 10uA
Emitter-Collector Breakdown Voltage
V
6
Ie = 10uA
Dark Current
µ
0.1
Vce = 20V
A
Floating Capacitance
p
0.6
1
Vce = 0V, f=1.0MHz
F
Saturation Voltage
V
0.1
0.2
If = 20mA, Ic = 1mA
Current Transfer Ratio
%
50
600
If = 5mA, Vce = 5V
Rise Time
µ
4
Ic = 2mA, Vce = 2V, Rc =100 ohms
s
Fall Time
µ
3
Ic = 2mA, Vc
e = 2V, Rc = 100 ohms
s
COUPLED SPECIFICATIONS
Isolation Voltage
V
5000
T = 1 minute
Isolation Resistance
G
50
DC500V
Ω
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com