Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT800 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SDT800
Description  DC Input Dual Optocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDT800 Datasheet(HTML) 1 Page - Solid State Optronic

  SDT800 Datasheet HTML 1Page - Solid State Optronic SDT800 Datasheet HTML 2Page - Solid State Optronic SDT800 Datasheet HTML 3Page - Solid State Optronic SDT800 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SDT800
DC Input Dual
Optocoupler
The SDT800 consists of two phototransistors, each optically coupled to a light emitting diodes for DC input operation. Optical coupling
between the input LEDs and output phototransistor allows for high isolation levels while maintaining low-level DC signal control capability.
The SDT800 provides an optically isolated method of controlling many interface applications such as telecommunications, industrial control
and instrumentation circuitry.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
APPROVALS
High input-to-output isolation package
•
Low input power consumption
•
High stability
•
CTR (MIN:50%-MAX-600% @IF=5mA Vce=5V)
•
Registers, copiers, Automatic Vending Machines
•
System appliances, measuring instruments
•
Computer terminals, PLCs
•
Telecommunications, telephones
•
Home Appliances
•
Digital logic inputs
•
Microprocessor inputs
•
Switching power supply, laser beam printers, etc.
•
Surface Mount Option
• -S
Tape and Reel Option
• -TR
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
50
Transient Input Current
A
1
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
200
1
2
3
4
8
7
6
5
- LED
+ LED
- LED
+ LED
Emitter
Collector
Emitter
Collector
UL and C-UL Approved File #201
932
•
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com


Similar Part No. - SDT800

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SDT800 SOLIDSTATE-SDT800 Datasheet
476Kb / 10P
Low input power consumption
Rev 2.00
logo
Solid State Optronic
SDT800-F8 SSOUSA-SDT800-F8 Datasheet
223Kb / 8P
Dual Channel Optocoupler
logo
Solid State Inc
SDT800-F8 SOLIDSTATE-SDT800-F8 Datasheet
237Kb / 8P
VCEO = 80V
Rev 2.00
More results

Similar Description - SDT800

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT450 SSOUSA-SDT450 Datasheet
634Kb / 6P
DC Input Optocoupler
SDT600 SSOUSA-SDT600 Datasheet
689Kb / 6P
DC Input Optocoupler
SDD451 SSOUSA-SDD451 Datasheet
691Kb / 4P
DC Input Optocoupler
SDD600 SSOUSA-SDD600 Datasheet
281Kb / 4P
DC Input Optocoupler
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
DC Input Optocoupler
SDD800 SSOUSA-SDD800 Datasheet
587Kb / 6P
DC Input Optocoupler
SDD1600 SSOUSA-SDD1600 Datasheet
284Kb / 4P
DC Input Quad Optocoupler
SDT400 SSOUSA-SDT400 Datasheet
645Kb / 6P
DC Input Optocoupler
SDT470 SSOUSA-SDT470 Datasheet
523Kb / 3P
DC Input Optocoupler
SDT1600 SSOUSA-SDT1600 Datasheet
311Kb / 4P
DC Input Quad Optocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com