Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF15005S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DF15005S
Description  Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF15005S Datasheet(HTML) 2 Page - Vishay Siliconix

  DF15005S Datasheet HTML 1Page - Vishay Siliconix DF15005S Datasheet HTML 2Page - Vishay Siliconix DF15005S Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
Document Number 88570
09-Dec-04
DF15005S thru DF1510S
Vishay Semiconductors
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Notes:
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Units mounted on P.C.B. with 0.51 x 0.51" (13 x 13 mm) copper pads
Ratings and Characteristics Curves
(TA = 25 °C unless otherwise noted)
Parameter
Test condition
Symbol
DF
15005S
DF
1501S
DF
1502S
DF
1504S
DF
1506S
DF
1508S
DF
1510S
Unit
Max. instantaneous forward
voltage drop per leg
at 1.5 A
VF
1.1
V
Maximum DC reverse current
at rated DC blocking voltage
per leg
TA = 25 °C
TA = 125 °C
IR
5.0
500
µA
Typical junction capacitance
per leg (1)
CJ
25
pF
Parameter
Symbol
DF
15005S
DF
1501S
DF
1502S
DF
1504S
DF
1506S
DF
1508S
DF
1510S
Unit
Typical thermal resistance per leg(2)
RθJA
RθJL
40
15
°C/W
Figure 1. Derating Curve Output Rectified Current
20
40
60
80
100
120
140
160
0
0.5
1.0
1.5
60 Hz
Resistive or
Inductive Load
P.C.B mounted on
0.51 x 0.51" (13 x 13 mm)
Copper pads
Ambient Temperature ( °C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Per Leg
1
10
100
0
10
20
30
40
50
60
1.0 Cycle
Number of Cycles at 60 Hz
T
J
= 150 °C
Single Sine-Wave



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com