Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF15005S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DF15005S
Description  Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF15005S Datasheet(HTML) 3 Page - Vishay Siliconix

  DF15005S Datasheet HTML 1Page - Vishay Siliconix DF15005S Datasheet HTML 2Page - Vishay Siliconix DF15005S Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DF15005S thru DF1510S
Document Number 88570
09-Dec-04
Vishay Semiconductors
www.vishay.com
3
Package outline dimensions in inches (millimeters)
Figure 3. Typical Forward Characteristics Per Leg
Figure 4. Typical Reverse Leakage Characteristics Per Leg
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
Instantaneous Forward Voltage (V)
TJ =25 °C
Pulse width = 300
µs
1% Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (V)
TJ = 125 °C
TJ =50 °C
Figure 5. Typical Junction Capacitance Per Leg
Figure 6. Typical Transient Thermal Impedance
1
10
100
1
10
100
Reverse Voltage (V)
TJ =25 °C
f = 1.0 MHz
Vsig = 50mVp-p
0.01
0.1
1
10
100
0.1
1
10
100
t, Heating Time (sec.)
gy
0.255 (6.5)
0.245 (6.2)
0.013 (0.330)
0.009 (0.241)
0.060 (1.524)
0.040 (1.016)
0.404 (10.3)
0.013 (0.330)
0.003 (0.076)
0.047 (1.20)
0.040 (1.02)
0.205 (5.2)
0.195 (5.0)
0.335 (8.51)
0.320 (8.13)
0.130 (3.3)
0.120 (3.05)
45o
0.386 (9.80)
0.404 Max.
(10.26 Max.)
0.205 (5.2)
0.195 (5.0)
0.047 Min.
(1.20 Min.)
0.060 Min.
(1.52 Min.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com