Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT2012PD1C Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APT2012PD1C
Description  2.0 x 1.25 mm Photodiode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APT2012PD1C Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APT2012PD1C Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT2012PD1C Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT2012PD1C Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAA8348 / 1203001836 Rev No: V.6 Date: 08/09/2018
Page 2 / 3
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
APT2012PD1C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Reverse Break down Voltage
V(BR)R
33
170
-
V
I
R
= 100uA
H = 0mW/cm2
Reverse Dark Current
ID(R)
-
-
10
nA
V
R
= 10V
H = 0mW/cm2
Open Circuit Voltage
VOC
-
390
-
mV
λ = 940nm
H = 5mW/cm2
Rise Time
TR
-
6
-
nS
VR = 10V
λ = 940nm
RL = 1000Ω
Fall Time
TF
-
6
-
nS
Light current
IS
4
8
-
uA
VR = 5V
Ee = 0.08mW/cm2
λ = 940nm
Total Capacitance
CT
-
5
-
pF
V
R
= 10V
F = 1MHZ
H = 0mW/cm2
Wavelength of peak sensitivity
λp
-
940
-
nm
-
Range of spectral bandwidth
λ0.1
420
-
1120
nm
-
Angle of half sensitivity
2θ1/2
-
160
-
deg
-
0.5
0.5
90°
15°
0°
30°
45°
60°
75°
-15°
-30°
-45°
-60°
-75°
-90°
0.0
1.0
1.0
Ta = 25 °C
0%
20%
40%
60%
80%
100%
350
450
550
650
750
850
950
1050
1150
Ta = 25 °C
Wavelength (nm)
TECHNICAL DATA
RELATIVE SPECTRAL SENSITIVITY vs. WAVELENGTH
RELATIVE RADIANT SENSITIVITY vs. ANGULAR DISPLACEMENT
PHOTODIODE
0.1
1
10
100
1000
1
10
100
1000 10000
VR=5V
Ta = 25 °C
Irradiance Ee (µW /cm2)
0
50
100
150
200
0
20406080
100
Ambient temperature (°C)
0.01
0.1
1
10
0
5
10
15
20
25
30
Ta = 25 °C
Reverse voltage VR (V)
0.1
1
10
100
1000
025
50
75
100
VCE = 20V
Ee = 0
Ambient temperature (°C)
Light Current vs.
Irradiance
Dark Current vs.
Ambient Temperature
Power Dissipation vs.
Ambient Temperature
Dark Current vs.
Reverse Voltage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com