Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT2012PD1C Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APT2012PD1C
Description  2.0 x 1.25 mm Photodiode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APT2012PD1C Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APT2012PD1C Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT2012PD1C Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT2012PD1C Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAA8348 / 1203001836 Rev No: V.6 Date: 08/09/2018
Page 1 / 3
DESCRIPTION
Made with NPN silicon photodiode chips
FEATURES
2.0 mm x 1.25 mm SMD LED, 0.75 mm thickness
Mechanically and spectrally matched to infrared
emitting LED lamp
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Infrared applied systems
Optoelectronic switches
Photodetector control circuits
Sensor technology
PACKAGE DIMENSIONS
APT2012PD1C
2.0 x 1.25 mm Photodiode
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Note:
1. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.
ABSOLUTE MAXIMUM RATINGS at TA=25°C
Parameter
Maximum Ratings
Units
Power Dissipation
150
mW
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +85
°C
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - APT2012PD1C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT2012P3BT KINGBRIGHT-APT2012P3BT Datasheet
196Kb / 4P
2.0x1.25mm PHOTOTRANSISTOR
APT2012P3BT-P22 KINGBRIGHT-APT2012P3BT-P22 Datasheet
554Kb / 4P
2.0 x 1.25 mm Phototransistor
APT2012PBC KINGBRIGHT-APT2012PBC Datasheet
279Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APT2012PBC-Z KINGBRIGHT-APT2012PBC-Z Datasheet
294Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APT2012PBC/A KINGBRIGHT-APT2012PBC/A Datasheet
279Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
More results

Similar Description - APT2012PD1C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP2012P3C-P22 KINGBRIGHT-AP2012P3C-P22 Datasheet
579Kb / 4P
2.0 x 1.25 mm Phototransistor
AP2012SF4C-P22 KINGBRIGHT-AP2012SF4C-P22 Datasheet
645Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APT2012F3C-P22 KINGBRIGHT-APT2012F3C-P22 Datasheet
636Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APT2012P3BT-P22 KINGBRIGHT-APT2012P3BT-P22 Datasheet
554Kb / 4P
2.0 x 1.25 mm Phototransistor
logo
SunLED Corporation
XZMOK54W-8 SUNLED-XZMOK54W-8 Datasheet
232Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APT2012F3C TO-GRACE-APT2012F3C Datasheet
802Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APT2012F3C-P22 TO-GRACE-APT2012F3C-P22 Datasheet
1,007Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
AP2012SF4C-P22 TO-GRACE-AP2012SF4C-P22 Datasheet
1Mb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APTD2012F3C TO-GRACE-APTD2012F3C Datasheet
879Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APTD2012SF4C TO-GRACE-APTD2012SF4C Datasheet
870Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com