Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P48F06M Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # P48F06M
Description  SmartZone??G5 Intelligent Power Distribution Units (iPDUs)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

P48F06M Datasheet(HTML) 1 Page - PANDUIT CORP.

  P48F06M Datasheet HTML 1Page - PANDUIT CORP. P48F06M Datasheet HTML 2Page - PANDUIT CORP. P48F06M Datasheet HTML 3Page - PANDUIT CORP. P48F06M Datasheet HTML 4Page - PANDUIT CORP. P48F06M Datasheet HTML 5Page - PANDUIT CORP. P48F06M Datasheet HTML 6Page - PANDUIT CORP. P48F06M Datasheet HTML 7Page - PANDUIT CORP. P48F06M Datasheet HTML 8Page - PANDUIT CORP. P48F06M Datasheet HTML 9Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.panduit.com
overview
The Panduit® SmartZone™ G5 iPDU is more than a power distribution unit and energy meter. These iPDUs monitor
the data center power and environment (at the rack or cabinet level), by continuously scanning for electrical circuit
overloads, and physical environmental conditions that place critical IT equipment at risk. Panduit’s iPDUs provide
comprehensive, accurate, energy measurement data to efficiently use power resources, make informed capacity
planning decisions, improve uptime, measure PUE (power usage effectiveness), and drive green data center
initiatives to save energy and money.
Making the right choice in IT equipment is essential for a safe, efficient data center operation. Our full range of iPDUs,
environmental sensors, and dual locking power cords are the key to fulfilling mission‐critical data center needs.
SmartZone™ G5 Intelligent Power
Distribution Units (iPDUs)
SPECIFICATION SHEET
technical information
Dimensions:
Height Inch (mm) Width Inch (mm)
Depth Inch (mm)
1U:
1U:
1U:
2U:
0U HALF:
0U HALF (2 sided):
0U MID:
0U FULL:
0U FULL (2 sided):
1.6 (40.6)
1.7 (43.2)
1.7 (43.2)
3.4 (86.4)
32.2 (817.9)
36 (914.4)
58.7 (1491)
68.9 (1750.1)
71.7 (1821.2)
17.5 (444.5)
17.5 (444.5)
17.5 (444.5)
17.5 (444.5)
2.0 (50.8)
2.0 (50.8)
2.0 (50.8)
2.0 (50.8)
2.0 (50.8)
2.0 (50.8)
7.8 (198.1)
10.6 (269.2)
7.8 (198.1)
2.1 (53.3)
4.4 (111.8)
2.1 (53.3)
2.1 (53.3)
4.4 (111.8)
0U Full +:
0U Full Wide:
0U Full Wide +:
74.6 (1896)
68.9 (1750.1)
74.0 (1880)
2.0 (50.8)
3.3 (83.8)
3.3 (83.8)
2.1 (53.3)
2.1 (53.3)
2.1 (53.3)
Mounting:
Vertical units provide up to 48 outlets and without encroaching on the EIA
space. Horizontal units provide up to 16 outlets and mount in standard
(1U or 2U) TIA/EIA rack space.
key features and benefits
HotSwappable
Controller:
Replace the controller and display module without having to power down
the rack
Redundant Network
Access:
Specifically designed for Landlord/Tenant (Co-Lo’s) allowing for remote
access of real-time, vital statistics and operating information on two
separate, secure networks.
Hardened Security:
Not only Physical but hardened Digital Security; layers within the firmware
LDAP, SNMP v3, TLS, Encrypted Security; allows for Panduit PDUs to pass
standard certified security scans.
1GB Ethernet:
The 1G controller is compatible with the new Data Center Network switches
being deployed - reducing special network configurations/resources required
to support the iPDU.
Plug & Play Sensors:
Digital sensors not only allow for multiple sensors on the same bus; but also
identify themselves to the controller to simplify setup & commissioning.
Multi-Color PDUs:
Different color PDUs simplify power feed identification & management. The
new Panduit Intelligent PDUs are available in Black, White, Red, Blue,
Yellow or Green.
Mobile & Desktop
Friendly Web GUI:
The intelligent PDUs feature an enhanced designed web interface which
detects the type of device that you are on; and automatically adjusts the
screen for an optimal experience.
Outlet Density:
Meets demands of densely packed IT equipment in rack or cabinet space
Form Factor:
Optimal form factor enables efficient rack space utilization
Operating Temperature: 60°C ambient at full load for operational reliability in high temperature areas
(continued pg. 2)


Similar Part No. - P48F06M

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
P48-21-00 SYSTEMSENSOR-P48-21-00 Datasheet
169Kb / 2P
High-Temperature Duct Smoke Detector
P48-55-00 SYSTEMSENSOR-P48-55-00 Datasheet
289Kb / 4P
4-Wire Ionization Duct Smoke Detector
logo
Red Lion Controls. Inc
P4800011 REDLION-P4800011 Datasheet
422Kb / 8P
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Teccor Electronics
P4802A TECCOR-P4802A Datasheet
1Mb / 212P
solid state crowbar devices
logo
Littelfuse
P4802AAL LITTELFUSE-P4802AAL Datasheet
154Kb / 3P
Two-chip SIDACtor
More results

Similar Description - P48F06M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
INTELLIGENT POWER MODULES
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
1Mb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
logo
Elektron Components Ltd...
PXD100 BULGIN-PXD100 Datasheet
158Kb / 2P
IEC Rectangular Distribution Units
PXD200 BULGIN-PXD200 Datasheet
80Kb / 1P
IEC Rectangular Distribution Units
PXD301 BULGIN-PXD301 Datasheet
1Mb / 6P
IEC DISTRIBUTION UNITS
PXD500 BULGIN-PXD500 Datasheet
120Kb / 1P
IEC Square Distribution Units
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
Intelligent Power Intelligent Power Module
logo
List of Unclassifed Man...
HY3003 ETC1-HY3003 Datasheet
92Kb / 1P
Power Supply Units
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com