Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P48F06M Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # P48F06M
Description  SmartZone??G5 Intelligent Power Distribution Units (iPDUs)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

P48F06M Datasheet(HTML) 2 Page - PANDUIT CORP.

  P48F06M Datasheet HTML 1Page - PANDUIT CORP. P48F06M Datasheet HTML 2Page - PANDUIT CORP. P48F06M Datasheet HTML 3Page - PANDUIT CORP. P48F06M Datasheet HTML 4Page - PANDUIT CORP. P48F06M Datasheet HTML 5Page - PANDUIT CORP. P48F06M Datasheet HTML 6Page - PANDUIT CORP. P48F06M Datasheet HTML 7Page - PANDUIT CORP. P48F06M Datasheet HTML 8Page - PANDUIT CORP. P48F06M Datasheet HTML 9Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SmartZone™ G5 Intelligent Power Distribution Units (iPDUs)
electrical specifications
Input Voltage
North America
• Single-Phase 120V
• Single-Phase 208V
• Three-Phase Delta 208V
• Three-Phase Wye 120/208V
• Three-Phase Wye 415V
International models
• Single-Phase 240V
• Three-Phase Wye 240/415V
Input Current (per phase)
North America
• 15A, 20A, 30A, 50A, 60A
International models
• 16A, 32A
Input Power
North America
• 1.4 – 17.3 (kVA)
International models
• 3.7 – 22 (kVA)
Input Frequency
50/60 Hz
Output Voltage
120 - 240 VAC
Maximum output current (outlet)
IEC C13: 10A
IEC C19: 16A
NEMA 5-20R: 16A
Overload protection (where applicable)
Circuit Breakers, hydraulic magnetic
10 kAIC Circuit Breakers for all 415V models for North America
key features and benefits (continued)
Cable Retention:
Innovative cable tie accepting outlets allow for secure cord retention (C13 & C19 only) using a
cable tie for added safety and security. (Panduit part number: PLT2I-C0)
Circuit Breakers:
Protects data center equipment for increased reliability by interrupting potentially hazardous circuit
over-current conditions*
Color Coded Circuits*: Easily identify phase to outlet banks to aid in fault isolation or load balancing
External Chassis
Ground:
Meets NEC requirements and installation guidelines for IT equipment
Load Balancing:
Monitored through visual display on oLED (for 3 phase units only)
Multiple Input Plug
Options:
A full breadth offering to seamlessly interoperate with existing building power wiring schemes
Multiple Mounting
Options:
Enables simple out of the box commissioning and flexibility with Panduit cabinets and industry
standard mounting features enabling installation into third party cabinets
Mounting Buttons:
Allows tool-less mounting of rack PDUs for faster installations on vertical 0U units
Supported Metering:
Frequency, VA, PF, plus aggregate and per phase Amperage, Voltage, Wattage, and Kilowatts
per hour
* Applies to products outfitted with circuit breakers
iPDU product families
MI Series:
Rack PDUs that have the ability for aggregate power monitoring to quickly identify potential power
issues, and reclaim available or under-utilized power capacity.
MS Series:
Rack PDUs that have the ability for aggregate power monitoring and outlet level switching
capabilities for individual outlets or a group of outlets. Enabling power sequencing, rebooting
equipment or restrict unauthorized use of individual outlets.
MPO Series:
Rack PDUs that have the ability for outlet level (and aggregate) power monitoring to quickly
identify potential power issues, and reclaim available or under-utilized power capacity at the outlet
level enabling the redeployment or decommissioning of individual servers to reclaim available or
under-utilized power capacity.
MSPO Series:
Rack PDUs that have the ability for outlet level (and aggregate) power monitoring and outlet level
switching capabilities for individual outlets or a group of outlets. Power monitoring at the individual
outlet level provides actionable management data on the power consumption of each connected
IT device enabling the redeployment or decommissioning of individual servers to reclaim available
or under-utilized power capacity. Ideal for remote power reset, and cabinet power on sequencing
and restrict unauthorized use of individual outlets.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com