Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB33 Datasheet(PDF) 4 Page - General Cable Technologies Corporation

Part # ASTMB33
Description  GenFree짰 II LSZH XLPO Single Conductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

ASTMB33 Datasheet(HTML) 4 Page - General Cable Technologies Corporation

  ASTMB33 Datasheet HTML 1Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 2Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 3Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 4Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 5Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 6Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 7Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 8Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 9Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Type XHHW-2 or RHH/RHW-2/USE-2
GenFree
® II LSZH XLPO Single Conductor
4
Specifications 5075, 5125 & 5275
GenFree II LSZH XLPO Low-Voltage Power
Single and Dual Layer Cross-linked Polyolefin Single Conductor
Rated for 600 Volts or 2000 Volts (AC or DC)
For Use in all Closed Environments, Commercial / Utility / Industrial Applications, Free Air or Direct Burial
GenFree II Physical Properties Test Requirements:
Property or Test
UL 44
Requirements
Unaged
Table 11
Tensile Strength (psi)
Elongation (%)
Aged
Tensile Retention (% of original)
Elongation Retention (% of original)
Table 11
1500 min
150 min
70
70
Property or Test
UL 854 USE-2
Requirements
Physical Properties
Impact Resistance Test
5 lbs., 1 ft. drop
Crushing Resistance Test
Test without current
Test with rated current
Test with overload current
Para. 23
Para. 24
8 of 10 no current leak
1000 lbf min
800 lbf min
600 lbf min
B. Electrical properties:
Meets or exceeds all requirements of UL 44 Type XHHW-2, RHH, RHW-2, UL 854 Type
SE-2, and ICEA S-95-658/NEMA WC70 for operation at 90°C for both wet and dry
environments.
Property or Test
UL 44
Requirements
Physical Properties
Insulation Resistance in Water @ 90ºC
Insulation Resistance
Rate of Decrease >10 MΩ/kft
Para. 5.4
0.180 MΩ/kft min
4% decrease max
Capacitance and Relative Permittivity @ 90ºC
Relative Permittivity
Para. 5.6
6.0 max
Increase in Capacitance
1-14 Day
7-14 Day
10.0% max
4.0% max



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com