Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB33 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # ASTMB33
Description  GenFree짰 II LSZH XLPO Single Conductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

ASTMB33 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  ASTMB33 Datasheet HTML 1Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 2Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 3Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 4Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 5Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 6Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 7Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 8Page - General Cable Technologies Corporation ASTMB33 Datasheet HTML 9Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Type XHHW-2 or RHH/RHW-2/USE-2
GenFree
® II LSZH XLPO Single Conductor
1
Specifications 5075, 5125 & 5275
GenFree II LSZH XLPO Low-Voltage Power
Single and Dual Layer Cross-linked Polyolefin Single Conductor
Rated for 600 Volts or 2000 Volts (AC or DC)
For Use in all Closed Environments, Commercial / Utility / Industrial Applications, Free Air or Direct Burial
TABLE OF CONTENTS
SECTION
I.
SUBJECT
SCOPE
2
II.
APPLICABLE DOCUMENTS
2
III.
CONDUCTOR
3
IV.
SEPARATOR
3
V.
INSULATION
3
A. Physical Properties
3-4
B. Electrical Properties
4
C. Flame Resistance
5
D. Smoke and Halogen Testing
6-7
E. Sunlight Resistance
8
F. Low Temperature Properties
8
G. Oil Resistance
8
H. RoHS / REACH
9
VI.
CABLE IDENTIFICATION
9
Revision 2
April 7, 2014


Similar Part No. - ASTMB33

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ASTMB488 ITT-ASTMB488 Datasheet
517Kb / 41P
CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
ASTMB488 ITT-ASTMB488 Datasheet
512Kb / 41P
DETAIL SPECIFICATION
ASTMB545 ITT-ASTMB545 Datasheet
517Kb / 41P
CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
ASTMB545 ITT-ASTMB545 Datasheet
512Kb / 41P
DETAIL SPECIFICATION
ASTMB633 ITT-ASTMB633 Datasheet
517Kb / 41P
CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
More results

Similar Description - ASTMB33

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
772118T BELDEN-772118T Datasheet
438Kb / 1P
Fieldbus, 1 Pr #18 Str TC, XLPO Ins, OS, LSZH Jkt, Brnz Brd Armor, LSZH Jkt, 600V TC
05-05-2023
772127T BELDEN-772127T Datasheet
439Kb / 1P
Fieldbus, 1 Pr #16 Str TC, XLPO Ins, OS, LSZH Jkt, Brnz Brd Armor, LSZH Jkt, 600V TC
05-05-2023
4305ULW BELDEN-4305ULW Datasheet
151Kb / 2P
Security & Sound, 7 Conductor 18 AWG BC, LSZH, Cca
12-20-2022
4100ULW BELDEN-4100ULW Datasheet
174Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Cca
11-09-2022
4102UE BELDEN-4102UE Datasheet
155Kb / 2P
Security & Sound, 4 Conductor 14 AWG BC, LSZH
12-16-2022
4201UE BELDEN-4201UE Datasheet
177Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, LSZH, Eca
12-19-2022
4400UE BELDEN-4400UE Datasheet
176Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, LSZH
08-25-2023
4101UE BELDEN-4101UE Datasheet
178Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, LSZH
12-20-2022
4301UE BELDEN-4301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, LSZH, Eca
08-25-2023
4501UE BELDEN-4501UE Datasheet
180Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, LSZH, Eca
08-25-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com