Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVPL0505SH Datasheet(PDF) 2 Page - VPT, Inc.

Part # DVPL0505SH
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVPL0505SH Datasheet(HTML) 2 Page - VPT, Inc.

  DVPL0505SH Datasheet HTML 1Page - VPT, Inc. DVPL0505SH Datasheet HTML 2Page - VPT, Inc. DVPL0505SH Datasheet HTML 3Page - VPT, Inc. DVPL0505SH Datasheet HTML 4Page - VPT, Inc. DVPL0505SH Datasheet HTML 5Page - VPT, Inc. DVPL0505SH Datasheet HTML 6Page - VPT, Inc. DVPL0505SH Datasheet HTML 7Page - VPT, Inc. DVPL0505SH Datasheet HTML 8Page - VPT, Inc. DVPL0505SH Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DVPL0505S Series
DVPL0505S-3.0
2
SPECIFICATIONS (T
CASE
= -55°C to +125°C, VIN = +3.3V, +5V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
5.5 VDC
Junction Temperature Rise to Case
+10°C
Input Voltage (Transient, 1 second)
5.8 VDC
Storage Temperature
-65°C to +150°C
Output Power1
16.5 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +125°C)
1.3 Watt
Weight (Maximum)
12 Grams
ESD Rating per MIL-PRF-38534
3A
Parameter
Conditions
DVPL0505S
Units
Min
Typ
Max
STATIC
INPUT
Voltage4
VIN
Vout = 0.8V to 2.5V
3.0
5.5
V
VIN
Vout = 2.6V to 3.3V
4.0
5.5
V
Current
Inhibited
-
-
3
mA
No Load
60
mA
Inhibit Pin Input4
0
-
1.5
V
Inhibit Pin Open Circuit Voltage4
Vin
V
UVLO Turn On4,6
2.2
V
UVLO Turn Off4
2.0
V
OUTPUT
Voltage
VOUT
TCASE = 25°C
-1.5
Vout
+1.5
%Vout
VOUT
TCASE = -55°C to +125°C
-2.5
Vout
+2.5
%Vout
Power3,1
VOUT = 3.3V
0
16.5
W
Current3
VOUT
0
5
A
Ripple Voltage
VOUT
Full Load, 20Hz to 10MHz
35
90
mVp-p
Load Regulation
VOUT
No Load to Full Load
15
40
mV
EFFICIENCY
Vin = 5V, Vout = 3.3V
93
96
%
FAULT POWER DISSIPATION
Short Circuit
3
W
CAPACITIVE LOAD4
5000
F
SWITCHING FREQUENCY
240
300
350
kHz
CASE ISOLATION
500 VDC
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
800
kHrs
DYNAMIC
Load Step Output Transient5
VOUT
Half Load to Full Load
100
250
mV
Load Step Recovery2,5
30
100
Sec
Turn On Delay
VOUT
VIN = 0V to 5V
6
mSec
Turn On Overshoot
60
mVPK
VOLTAGE TRACKING
Tracking Accuracy4
Power-up
100
300
mV
Power-down
200
400
mV
Slew Rate4
At track pin
0.1
2
V/mSec
Tracking Delay4
From Vin to tracking
voltage applied
10
-
-
mSec
1. Dependent on output voltage.
2. Time for output voltage to settle within 1% of its nominal value, whichever is greater.
3. Derate linearly to 0 at 135°C.
4. Verified by initial electrical design verification. Post design verification, parameter shall be guaranteed to the limits specified.
5. With 1
00μF capacitor from Vin to Ground.
6. Vout not necessarily in regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com