Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVPL0505SH Datasheet(PDF) 1 Page - VPT, Inc.

Part # DVPL0505SH
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVPL0505SH Datasheet(HTML) 1 Page - VPT, Inc.

  DVPL0505SH Datasheet HTML 1Page - VPT, Inc. DVPL0505SH Datasheet HTML 2Page - VPT, Inc. DVPL0505SH Datasheet HTML 3Page - VPT, Inc. DVPL0505SH Datasheet HTML 4Page - VPT, Inc. DVPL0505SH Datasheet HTML 5Page - VPT, Inc. DVPL0505SH Datasheet HTML 6Page - VPT, Inc. DVPL0505SH Datasheet HTML 7Page - VPT, Inc. DVPL0505SH Datasheet HTML 8Page - VPT, Inc. DVPL0505SH Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DVPL0505S Series
DVPL0505S-3.0
http://www.vptpower.com
Sales Information:
Phone: (425) 353-3010
Fax: (425) 353-4030
E-mail: vptsales@vptpower.com
1
HIGH RELIABILITY HYBRID
DC-DC CONVERTERS
DESCRIPTION
The DVPL series of high reliability DC-DC converters
is operable over the full military (-55 °C to +125 °C)
temperature range with no power derating.
Operating at a nominal fixed frequency of 300 kHz,
these regulated, non-isolated converters are
optimized for low voltage point of load applications
with high efficiency synchronous rectification, fast
transient response, and power sequencing
capability.
These converters are designed and manufactured in
a facility qualified to ISO9001 and certified to MIL-
PRF-38534 and MIL-STD-883.
This product may incorporate one or more of the
following U.S. patents:
5,784,266
5,790,389
5,963,438
5,999,433
6,005,780
6,084,792
6,118,673
FEATURES
• High Reliability
• Operates From 5V or 3.3V Input
• Adjustable Output Voltage, 0.8V to 3.4V
• Up to 5 Amps or 16W Output
• High Efficiency, Up to 97%
• Output Voltage Sequencing
• Output Voltage Tracking
• Operation Into a Pre-Biased Output
• Output Inhibit Control
• Low Output Noise
• NO Use of Optoisolators
• Over Current and Short Circuit Protection
• Precision Projection Welded Hermetic Package
• Meets MIL-STD-461C and MIL-STD-461D EMC
Requirements When Used With VPT DC-DC
Converters and EMI filters
• Additional Environmental Screening Available
• MIL-PRF-38534 Element Evaluated
Components
Figure 1
– DVPL0505S DC-DC Converter
(Exact marking may differ from that shown)


Similar Part No. - DVPL0505SH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVPL0505S DELTA-DVPL0505S Datasheet
350Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVPL0505S-XXX DELTA-DVPL0505S-XXX Datasheet
350Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVPL0505S/ES-XXX DELTA-DVPL0505S/ES-XXX Datasheet
350Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVPL0505S/H-XXX DELTA-DVPL0505S/H-XXX Datasheet
350Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVPL0505S/HB-XXX DELTA-DVPL0505S/HB-XXX Datasheet
350Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results

Similar Description - DVPL0505SH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
HIGH RELIABILITY HYBRID DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800D VPT-DVFL2800D Datasheet
590Kb / 28P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVPL0510S VPT-DVPL0510S Datasheet
489Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVPL0520S VPT-DVPL0520S Datasheet
772Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com