Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLASB3157DFT2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLASB3157DFT2
Description  2:1 Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLASB3157DFT2 Datasheet(HTML) 2 Page - ON Semiconductor

  NLASB3157DFT2 Datasheet HTML 1Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 2Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 3Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 4Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 5Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 6Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 7Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 8Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NLASB3157
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VCC
−0.5 to +7.0
V
DC Switch Voltage (Note 1)
VS
−0.5 to VCC + 0.5
V
DC Input Voltage (Note 1)
VIN
−0.5 to + 7.0
V
DC Input Diode Current @ VIN t 0 V
IIK
−50
mA
DC Output Current
IOUT
128
mA
DC VCC or Ground Current
ICC/IGND
+100
mA
Storage Temperature Range
Tstg
−65 to +150
°C
Junction Temperature Under Bias
TJ
150
°C
Junction Lead Temperature (Soldering, 10 Seconds)
TL
260
°C
Power Dissipation @ +85
°C
PD
180
mW
Maximum ratings are DC values beyond which the device may be damaged or have its useful life impaired. The data sheet specifications should
be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. ON
Semiconductor does not recommend operation outside data sheet specifications.
1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed.
RECOMMENDED OPERATING CONDITIONS (Note 2)
Characteristic
Symbol
Min
Max
Unit
Supply Voltage Operating
VCC
1.65
5.5
V
Select Input Voltage
VIN
0
VCC
V
Switch Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Operating Temperature
TA
−55
+125
°C
Input Rise and Fall Time
Control Input VCC = 2.3 V−3.6 V
Control Input VCC = 4.5 V−5.5 V
tr, tf
0
0
10
5.0
ns/V
Thermal Resistance
qJA
−
350
°C/W
2. Select input must be held HIGH or LOW, it must not float.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com