Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLASB3157DFT2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLASB3157DFT2
Description  2:1 Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLASB3157DFT2 Datasheet(HTML) 4 Page - ON Semiconductor

  NLASB3157DFT2 Datasheet HTML 1Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 2Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 3Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 4Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 5Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 6Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 7Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 8Page - ON Semiconductor NLASB3157DFT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NLASB3157
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS
VCC
TA = +255C
TA = −405C to +855C
Figure
Symbol
Parameter
Test Conditions
VCC
(V)
Min
Typ
Max
Min
Max
Unit
Figure
Number
tPHL
tPLH
Propagation Delay
Bus to Bus (Note 9)
VI = OPEN
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
1.2
0.8
0.3
ns
Figures
2, 3
tPZL
tPZH
Output Enable Time
Turn On Time
(A to Bn)
VI = 2
VCC for tPZL
VI = 0 V for tPZH
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
23
13
6.9
5.2
7.0
3.5
2.5
1.7
24
14
7.6
5.7
ns
Figures
2, 3
tPLZ
tPHZ
Output Disable Time
Turn Off Time
(A Port to B Port)
VI = 2
VCC for tPLZ
VI = 0 V for tPHZ
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
12.5
7.0
5.0
3.5
3.0
2.0
1.5
0.8
13
7.5
5.3
3.8
ns
Figures
2, 3
tB−M
Break Before Make
Time (Note 8)
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
0.5
0.5
0.5
0.5
ns
Figure 4
Q
Charge Injection
(Note 8)
CL = 0.1 nF, VGEN = 0 V
RGEN = 0 W
5.0
3.3
7.0
3.0
pC
Figure 5
OIRR
Off Isolation (Note 10)
RL = 50 W
f = 10 MHz
1.65−5.5
−57
dB
Figure 6
Xtalk
Crosstalk
RL = 50 W
f = 10 MHz
1.65−5.5
−54
dB
Figure 7
BW
−3 dB Bandwidth
RL = 50 W
1.65−5.5
250
MHz
Figure 10
THD
Total Harmonic
Distortion (Note 8)
RL = 600 W
0.5 VP−P
f = 600 Hz to 20 kHz
5.0
0.011
%
CAPACITANCE (Note 11)
Symbol
Parameter
Test Conditions
Typ
Max
Unit
Figure
Number
CIN
Select Pin Input Capacitance
VCC = 0 V
2.3
pF
CIO−B
B Port Off Capacitance
VCC = 5.0 V
6.5
pF
Figure 8
CIOA−ON
A Port Capacitance when Switch is Enabled
VCC = 5.0 V
18.5
pF
Figure 9
8. Guaranteed by Design.
9. This parameter is guaranteed by design but not tested. The bus switch contributes no propagation delay other than the RC delay of the On
Resistance of the switch and the 50 pF load capacitance, when driven by an ideal voltage source (zero output impedance).
10. Off Isolation = 20 log10 [VA/VBn].
11. TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com