Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7958CC Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC7958CC
Description  2.5Gb/s High Speed Limiting Post Amplifier for OC-48/SDH-16 Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7958CC Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

  VSC7958CC Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 8Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7958
2.5Gb/s High Speed Limiting Post Amplifier
for OC-48/SDH-16 Applications
G52184-0, Rev 3.0
Page 7
05/14/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 2: Pin Identifications
Ordering Information
The order number for this product is formed by a combination of the device number, and package style.
Notice
Vitesse Semiconductor Corporation (“Vitesse”) provides this document for informational purposes only. This document contains pre-production
information about Vitesse products in their concept, development and/or testing phase. All information in this document, including descriptions of
features, functions, performance, technical specifications and availability, is subject to change without notice at any time. Nothing contained in this
document shall be construed as extending any warranty or promise, express or implied, that any Vitesse product will be available as described or
will be suitable for or will accomplish any particular task.
Vitesse products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without writ-
ten consent is prohibited.
Pin #
Name
Function
1, 4, 5, 6, 15, 16,
and bottom heat
spreader
GND
DEVICE GROUND
The package bottom heat spreader should be connected to ground for the optimum thermal
and electrical performance.
2
VOUT+
POSITIVE DATA OUTPUT
3
VOUT-
NEGATIVE DATA OUTPUT
7
VSS
NEGATIVE DC SUPPLY
8VBR
DEVICE REFERENCE VOLTAGE
This pin can either float or be set to an external -1.5V supply.
9VREF-
NEGATIVE DATA INPUT REFERENCE
This pin should be bypassed to ground with a 0.1
µF cap and a 5Ω series resistor.
10
VIN-
NEGATIVE DATA INPUT
11
VIN+
POSITIVE DATA INPUT
12
VREF+
POSITIVE DATA INPUT REFERENCE
This pin should be bypasSed to ground with a 0.1
µF cap and a 5Ω series resistor.
13
VBF
INTERNAL TEST POINT
Do not connect.
14
VBS
INTERNAL TEST POINT
Do not connect.
VSC7958
XX
Device Type
VSC7958: 2.5Gb/s Limiting Amplifier
Package Style
CC: (Metal Glass - Formed Leads)
X : (Bare Die)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com