Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7958CC Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7958CC
Description  2.5Gb/s High Speed Limiting Post Amplifier for OC-48/SDH-16 Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7958CC Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7958CC Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 8Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7958
2.5Gb/s High Speed Limiting Post Amplifier
for OC-48/SDH-16 Applications
G52184-0, Rev 3.0
Page 1
05/14/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
General Description
The Vitesse high speed limiting amplifier is intended for use as a post amplifier in wide band fiber optic
links with data rates up to 2.5Gb/s. This amplifier provides very high sensitivity and broadband operation with a
fully differential architecture. Additional features include on-chip, offset-correction circuitry to provide excel-
lent pulse width distortion characteristics.
VSC7958 Block Diagram
• 2.5Gb/s Data Rates (OC-48/SDH-16)
• Input Offset Error Cancellation
• Single 5V Power Supply
• Fully Differential Architecture
A1
A2
+
-
VREF-
50
50
VIN+
VIN-
VREF+
VSS
GND
VOUT-
Chip Boundary
VOUT+
VBF
VBS
VBR


Similar Part No. - VSC7958CC

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7959 VITESSE-VSC7959 Datasheet
96Kb / 10P
3.125Gb/s CML Limiting Amplifier with LOS Detect
VSC7959W VITESSE-VSC7959W Datasheet
96Kb / 10P
3.125Gb/s CML Limiting Amplifier with LOS Detect
VSC7959YD VITESSE-VSC7959YD Datasheet
96Kb / 10P
3.125Gb/s CML Limiting Amplifier with LOS Detect
More results

Similar Description - VSC7958CC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88903 MICREL-SY88903 Datasheet
102Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923 Datasheet
98Kb / 8P
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_05 Datasheet
81Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
logo
Arizona Microtek, Inc
AZ88923 AZM-AZ88923 Datasheet
57Kb / 5P
High-Speed Limiting Post Amplifier
AZ88943 AZM-AZ88943 Datasheet
56Kb / 5P
High-Speed Limiting Post Amplifier
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Micrel Semiconductor
SY88923 MICREL-SY88923_07 Datasheet
100Kb / 6P
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
logo
Arizona Microtek, Inc
AZ88923 AZM-AZ88923_12 Datasheet
392Kb / 6P
High Speed Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com