Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12-22-R6GHC-A30-2C Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 12-22-R6GHC-A30-2C
Description  Right Angle Lens Chip LED with Bi-Color(Multi-Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

12-22-R6GHC-A30-2C Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  12-22-R6GHC-A30-2C Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
12-22/R6GHC-A30/2C
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 3 of 12
Device No:
Prepared date: 10-Jan.-2013
Prepared by:Xiang Liudan
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
R6:25
GH:25
mA
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
R6:60
GH:100
mA
Power Dissipation
Pd
R6:60
GH:95
mW
Electrostatic Discharge(HBM)
ESD
R6:2000
GH:150
V
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40~ +90
℃
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com