Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12-22-R6GHC-A30-2C Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 12-22-R6GHC-A30-2C
Description  Right Angle Lens Chip LED with Bi-Color(Multi-Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

12-22-R6GHC-A30-2C Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  12-22-R6GHC-A30-2C Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 1 of 12
Device No:
Prepared date: 10-Jan.-2013
Prepared by:Xiang Liudan
Technical Data Sheet
Right Angle Lens Chip LED with Bi-Color(Multi-Color)
12-22/R6GHC-A30/2C
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Mulit-color type.
․Pb-free.
․The product itself will remain within RoHS compliant version.
Descriptions
․The 12-22 SMD LED is much smaller
than lead frame type components, thus
enable smaller board size, higher packing
density, reduced storage space and finally
smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Emitted Color
Resin Color
Type
Material
R6
AlGaInP
Brilliant Red
Water Clear
GH
InGaN
Brilliant Green
 香港至恩科技有限公司   
 www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - 12-22-R6GHC-A30-2C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-22-R6GHC-A30-2C EVERLIGHT-12-22-R6GHC-A30-2C Datasheet
267Kb / 12P
Right Angle Lens Chip LED with Bi-Color(Multi-Color)
12-22-R6GHC-A30-2C EVERLIGHT-12-22-R6GHC-A30-2C Datasheet
288Kb / 12P
Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
12-22-R6GHC-A30-2C EVERLIGHT-12-22-R6GHC-A30-2C_11 Datasheet
288Kb / 12P
Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
More results

Similar Description - 12-22-R6GHC-A30-2C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-22SURSYGC-S530-A3 EVERLIGHT-12-22SURSYGC-S530-A3 Datasheet
262Kb / 11P
Right Angle Lens Chip LEDs With Bi-Color(Multi-Color)
12-22-BHR6C-A01-2C EVERLIGHT-12-22-BHR6C-A01-2C Datasheet
268Kb / 11P
Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22-R6GHC-A30-2C EVERLIGHT-12-22-R6GHC-A30-2C Datasheet
267Kb / 12P
Right Angle Lens Chip LED with Bi-Color(Multi-Color)
12-22-Y2G6C-A30-2C EVERLIGHT-12-22-Y2G6C-A30-2C Datasheet
196Kb / 12P
Right Angle Lens Chip LED with Bi-Color(Multi-color)
17-223-BHR7C-C30-3C EVERLIGHT-17-223-BHR7C-C30-3C Datasheet
301Kb / 12P
Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22-G6R8C-A30-2C EVERLIGHT-12-22-G6R8C-A30-2C_11 Datasheet
243Kb / 12P
Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
12-22-R6GHC-A30-2C EVERLIGHT-12-22-R6GHC-A30-2C_11 Datasheet
288Kb / 12P
Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
17-223-BHR7C-C30-3C EVERLIGHT-17-223-BHR7C-C30-3C_11 Datasheet
325Kb / 13P
Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
12-22-G6R8C-A30-2C TO-GRACE-12-22-G6R8C-A30-2C Datasheet
1Mb / 12P
Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
12-22-Y2G6C-A30-2C TO-GRACE-12-22-Y2G6C-A30-2C Datasheet
1,011Kb / 12P
Right Angle Lens Chip LED with Bi-Color(Multi-color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com