Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH6N100D2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH6N100D2
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH6N100D2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH6N100D2 Datasheet HTML 1Page - IXYS Corporation IXTH6N100D2 Datasheet HTML 2Page - IXYS Corporation IXTH6N100D2 Datasheet HTML 3Page - IXYS Corporation IXTH6N100D2 Datasheet HTML 4Page - IXYS Corporation IXTH6N100D2 Datasheet HTML 5Page - IXYS Corporation IXTH6N100D2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSX
T
J
= 25
C to 150C
1000
V
V
GSX
Continuous
20
V
V
GSM
Transient
30
V
P
D
T
C = 25C
300
W
T
J
- 55 ... +150
C
T
JM
150
C
T
stg
- 55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-220 & TO-247)
1.13 / 10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-247
6.0
g
DS100183C(4/17)
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSX
V
GS = - 5V, ID = 250A
1000
V
V
GS(off)
V
DS = 25V, ID = 250A
- 2.5
- 4.5
V
I
GSX
V
GS = 20V, VDS = 0V
100 nA
I
DSX(off)
V
DS = VDSX, VGS = - 5V
5
A
T
J = 125C
50
A
R
DS(on)
V
GS = 0V, ID = 3A, Note 1
2.2
I
D(on)
V
GS = 0V, VDS = 50V, Note 1
6
A
Depletion Mode
MOSFET
N-Channel
IXTA6N100D2
IXTP6N100D2
IXTH6N100D2
V
DSX
=
1000V
I
D(on)
>
6A
R
DS(on)

2.2
Features
• Normally ON Mode
•
 International Standard Packages
• Molding Epoxies Meet UL94V-0
Flammability Classification
Advantages
• Easy to Mount
• Space Savings
• High Power Density
Applications
• Audio Amplifiers
• Start-Up Circuits
• Protection Circuits
• Ramp Generators
• Current Regulators
• Active Loads
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXTH)
D (Tab)
G
D
S
TO-263 AA (IXTA)
G D
S
TO-220AB (IXTP)
D (Tab)
G
S
D (Tab)
G
D
S


Similar Part No. - IXTH6N100D2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH6N100D2 IXYS-IXTH6N100D2 Datasheet
190Kb / 5P
Preliminary Technical Information Depletion Mode MOSFET
IXTH6N100D2 IXYS-IXTH6N100D2 Datasheet
197Kb / 6P
N-Channel MOSFET
More results

Similar Description - IXTH6N100D2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com