Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH6N100D2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH6N100D2
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH6N100D2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH6N100D2 Datasheet HTML 1Page - IXYS Corporation IXTH6N100D2 Datasheet HTML 2Page - IXYS Corporation IXTH6N100D2 Datasheet HTML 3Page - IXYS Corporation IXTH6N100D2 Datasheet HTML 4Page - IXYS Corporation IXTH6N100D2 Datasheet HTML 5Page - IXYS Corporation IXTH6N100D2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXTA6N100D2
IXTP6N100D2
IXTH6N100D2
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Fig. 7. Normalized RDS(on) vs. Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 0V
I D = 3A
Fig. 8. RDS(on) Normalized to ID = 3A Value
vs. Drain Current
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0
2
4
6
8
101214
ID - Amperes
VGS = 0V
5V
TJ = 125
oC
TJ = 25
oC
Fig. 9. Input Admittance
0
2
4
6
8
10
12
14
16
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
VGS - Volts
TJ = 125
oC
25
oC
- 40
oC
VDS = 30V
Fig. 10. Transconductance
0
2
4
6
8
10
12
024
68
10
12
14
16
ID - Amperes
TJ = - 40
oC
VDS = 30V
25
oC
125
oC
Fig. 12. Forward Voltage Drop of Intrinsic Diode
0
2
4
6
8
10
12
14
16
18
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VSD - Volts
TJ = 125
oC
VGS = -10V
TJ = 25
oC
Fig. 11. Breakdown and Threshold Voltages
vs. Junction Temperature
0.8
0.9
1.0
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS(off) @ VDS = 25V
BVDSX@ VGS = - 5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com