Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51411G Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS51411G
Description  1.5A, 260 kHz AND 520 kHz, LOW VOLTAGE BUCK REGULATORS WITH EXTERNAL BIAS OR SYNCHRONIZATION CAPABILITY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51411G Datasheet(HTML) 1 Page - ON Semiconductor

  CS51411G Datasheet HTML 1Page - ON Semiconductor CS51411G Datasheet HTML 2Page - ON Semiconductor CS51411G Datasheet HTML 3Page - ON Semiconductor CS51411G Datasheet HTML 4Page - ON Semiconductor CS51411G Datasheet HTML 5Page - ON Semiconductor CS51411G Datasheet HTML 6Page - ON Semiconductor CS51411G Datasheet HTML 7Page - ON Semiconductor CS51411G Datasheet HTML 8Page - ON Semiconductor CS51411G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 Semiconductor Components Industries, LLC, 2002
September, 2002 – Rev. 11
1
Publication Order Number:
CS51411/D
CS51411, CS51412,
CS51413, CS51414
1.5 A, 260 kHz and
520 kHz, Low Voltage Buck
Regulators with External
Bias or Synchronization
Capability
The CS5141X products are 1.5 A buck regulator ICs. These devices
are fixed–frequency operating at 260 kHz and 520 kHz. The regulators
use the V2
 control architecture to provide unmatched transient
response, the best overall regulation and the simplest loop
compensation for today’s high–speed logic. These products
accommodate input voltages from 4.5 V to 40 V.
The CS51411 and CS51413 contain synchronization circuitry. The
CS51412 and CS51414 have the option of powering the controller
from an external 3.3 V to 6.0 V supply in order to improve efficiency,
especially in high input voltage, light load conditions.
The on–chip NPN transistor is capable of providing a minimum of
1.5 A of output current, and is biased by an external “boost” capacitor
to ensure saturation, thus minimizing on–chip power dissipation.
Protection circuitry includes thermal shutdown, cycle–by–cycle
current limiting and frequency foldback. The CS51411 and CS51413
are functionally pin–compatible with the LT1375. The CS51412 and
CS51414 are functionally pin–compatible with the LT1376.
Features
• V2 Architecture Provides Ultra–Fast Transient Response, Improved
Regulation and Simplified Design
• 2.0% Error Amp Reference Voltage Tolerance
• Switch Frequency Decrease of 4:1 in Short Circuit Conditions
Reduces Short Circuit Power Dissipation
• BOOST Lead Allows “Bootstrapped” Operation to Maximize
Efficiency
• Sync Function for Parallel Supply Operation or Noise Minimization
• Shutdown Lead Provides Power–Down Option
• 85 µA Quiescent Current During Power–Down
• Thermal Shutdown
• Soft Start
• Pin–Compatible with LT1375 and LT1376
X
= 1, 2, 3 or 4
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
T
= Temperature Range, E or G
SO–8
D SUFFIX
CASE 751
1
8
MARKING DIAGRAM
1
5141X
ALYWT
8
SYNC
SHDNB
18
GND
VSW
VFB
VIN
VC
BOOST
PIN CONNECTIONS
SHDNB
BIAS
18
GND
VSW
VFB
VIN
VC
BOOST
CS51412/4
CS51411/3
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
http://onsemi.com


Similar Part No. - CS51411G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51411G ONSEMI-CS51411G Datasheet
706Kb / 20P
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
CS51411GD8 ONSEMI-CS51411GD8 Datasheet
252Kb / 20P
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411GD8 ONSEMI-CS51411GD8 Datasheet
706Kb / 20P
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
CS51411GD8G ONSEMI-CS51411GD8G Datasheet
252Kb / 20P
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411GD8G ONSEMI-CS51411GD8G Datasheet
706Kb / 20P
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results

Similar Description - CS51411G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
CS51411-D ONSEMI-CS51411-D Datasheet
706Kb / 20P
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
CS51411 ONSEMI-CS51411_12 Datasheet
290Kb / 20P
1.5 A, 260 kHz and 520 kHz Low Voltage Buck Regulators with External Bias or Synchronization Capability
November, 2012 ??Rev. 20
NCV8842 ONSEMI-NCV8842_11 Datasheet
377Kb / 16P
1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 10
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com