Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL-2012-331M Datasheet(PDF) 1 Page - RENCO ELECTRONICS, INC.

Part # RL-2012-331M
Description  UNSHIELDED SMD POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-2012-331M Datasheet(HTML) 1 Page - RENCO ELECTRONICS, INC.

  RL-2012-331M Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-2012-331M Datasheet HTML 2Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
RL-2012
UNSHIELDED SMD
• Lowprofilegreatforapplicationswhenspaceisataminimum
• Low-resistanceandhigh-energystorage
• ExcellentasDC-DCconverterusedinnotebookcomputers,
cellphones,step-uporstep-downconverters,andflashmemory
FEATURES & APPLICATIONS
DESCRIPTION
• UnshieldedSMDPowerInductor
ENVIRONMENTAL DATA
• Storagetemperaturerange:
-55°Cto+130°C
• Operatingtemperaturerange:
-40°Cto+130°C
PACKAGING INFORMATION
• Packaginginformation:pg.489
POWER INDUCTORS
Verify operation with sample in actual circuit. Order samples at www.rencousa.com.
TOP VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
PART NUMBER
A ±0.008 (0.2)
B ±0.012 (0.3)
C (MAX.)
D ±0.008 (0.2)
E (MAX.)
RL-2012
0.08 (2.10)
0.24 (6.00)
0.32 (8.02)
0.08 (2.00)
0.41 (10.52)
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART NUMBER PART WEIGHT
RL-2012
1.0g (0.04oz)
F (MAX.)
G (REF.)
H (REF.)
I (REF.)
0.20 (5.03)
0.09 (2.20)
0.09 (2.40)
0.22 (5.70)
E
F
G
H
I
SCHEMATIC
ST
FN
A
B
C
D


Similar Part No. - RL-2012-331M

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-2012-S RENCO-RL-2012-S Datasheet
1Mb / 2P
SHIELDED SMD POWER INDUCTORS
RL-2012-S-100M RENCO-RL-2012-S-100M Datasheet
1Mb / 2P
SHIELDED SMD POWER INDUCTORS
RL-2012-S-101K RENCO-RL-2012-S-101K Datasheet
1Mb / 2P
SHIELDED SMD POWER INDUCTORS
RL-2012-S-102K RENCO-RL-2012-S-102K Datasheet
1Mb / 2P
SHIELDED SMD POWER INDUCTORS
RL-2012-S-120M RENCO-RL-2012-S-120M Datasheet
1Mb / 2P
SHIELDED SMD POWER INDUCTORS
More results

Similar Description - RL-2012-331M

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
SMD Power Inductors Unshielded
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
UNSHIELDED SMD POWER INDUCTORS
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
SMD Unshielded Power Inductors
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
Unshielded SMD Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
SMD Unshielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com