Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL-2012-331M Datasheet(PDF) 2 Page - RENCO ELECTRONICS, INC.

Part # RL-2012-331M
Description  UNSHIELDED SMD POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-2012-331M Datasheet(HTML) 2 Page - RENCO ELECTRONICS, INC.

  RL-2012-331M Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-2012-331M Datasheet HTML 2Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
RL-2012
Renco Part No.
RL-2012
Inductance
(µH)
DCR Max.
(Ohms)
Isat
(A)
Irms
(A)
SRF Typ.
(MHz)
RL-2012-3R3M
3.3 ± 20%
0.030
7.0
3.70
50.0
RL-2012-4R7M
4.7 ± 20%
0.035
6.0
3.30
40.0
RL-2012-6R8M
6.8 ± 20%
0.050
5.0
2.70
30.0
RL-2012-100M
10.0 ± 20%
0.060
4.0
2.30
23.0
RL-2012-150M
15.0 ± 20%
0.080
3.0
2.10
20.0
RL-2012-220M
22.0 ± 20%
0.130
2.5
1.60
16.0
RL-2012-330M
33.0 ± 20%
0.180
2.0
1.30
12.0
RL-2012-470M
47.0 ± 20%
0.260
1.8
1.10
11.0
RL-2012-680M
68.0 ± 20%
0.350
1.5
1.00
9.0
RL-2012-101M
100.0 ± 20%
0.580
1.0
0.70
7.0
RL-2012-151M
150.0 ± 20%
0.750
0.9
0.60
5.0
RL-2012-221M
220.0 ± 20%
1.050
0.8
0.50
4.0
RL-2012-331M
330.0 ± 20%
1.600
0.6
0.45
3.5
NOTES:
1. INDUCTANCE TESTED AT 100 kHz, 0.1 Vrms
2. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
3. Isat - DC CURRENT THAT WILL CAUSE INDUCTANCE TO DROP BY 10%
4. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO RISE APPROX. 40ºC ABOVE AMBIENT OF 25ºC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com