Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL-3012-R56N Datasheet(PDF) 1 Page - RENCO ELECTRONICS, INC.

Part # RL-3012-R56N
Description  LOW PROFILE SMD POWER INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-3012-R56N Datasheet(HTML) 1 Page - RENCO ELECTRONICS, INC.

  RL-3012-R56N Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-3012-R56N Datasheet HTML 2Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
238
RL-3012
LOW PROFILE SMD POWER INDUCTOR
• Low profile for applications when space is at a minimum
• Excellent as a power inductor used in notebook computers,
smartphones, cell phones, step-up or step-down converters,
and Flash memory
• Available in 13 values with inductance ratings from 0.68 µH
to 47 µH and currents up to 2.50 A
FEATURES & APPLICATIONS
DESCRIPTION
• SMD Power Inductor
ENVIRONMENTAL DATA
• Storage temperature range:
-55°C to +130°C
• Operating temperature range:
-40°C to +130°C
PACKAGING INFORMATION
• Packaging information: pg. 504
Verify operation with sample in actual circuit. Order samples at www.rencousa.com.
PART NUMBER
A (MAX.)
B (MAX.)
C (MAX.)
D (TYP.)
E (TYP.)
F (TYP.)
G (TYP.)
RL-3012
0.120 (3.10)
0.120 (3.10)
0.050 (1.20)
0.060 (1.50)
0.030 (0.70)
0.050 (1.20)
0.030 (0.70)
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART NUMBER PART WEIGHT
RL-3012
0.9g (0.03oz)
H (REF.)
I (REF.)
J (REF.)
K (REF.)
L (REF.)
M (REF.)
0.130 (3.40)
0.062 (1.60) 0.055 (1.40) 0.125 (3.20) 0.129 (3.30) 0.020 (0.60)
TOP VIEW
SIDE VIEW
RECOMMENDED PCB LAYOUT
A
B
C
F
G
E
D
H
I
K
J
M
L
BOTTOM VIEW
POWDER COATING
SCHEMATIC
ST
FN
OR


Similar Part No. - RL-3012-R56N

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-3010 RENCO-RL-3010 Datasheet
425Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-3010-100M RENCO-RL-3010-100M Datasheet
425Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-3010-150M RENCO-RL-3010-150M Datasheet
425Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-3010-1R0N RENCO-RL-3010-1R0N Datasheet
425Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-3010-1R2N RENCO-RL-3010-1R2N Datasheet
425Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
More results

Similar Description - RL-3012-R56N

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR363-102 DATATRONICS-DR363-102 Datasheet
76Kb / 1P
LOW PROFILE SHIELDED SMD POWER INDUCTOR
logo
Abracon Corporation
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-XXXXHC ABRACON-ASPI-XXXXHC Datasheet
875Kb / 2P
SMD UNSHIELDED LOW PROFILE POWER INDUCTOR
10.05.09
logo
RENCO ELECTRONICS, INC.
RL-3010 RENCO-RL-3010 Datasheet
425Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-3015 RENCO-RL-3015 Datasheet
425Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-4012 RENCO-RL-4012 Datasheet
426Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-9710 RENCO-RL-9710 Datasheet
421Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-9712 RENCO-RL-9712 Datasheet
421Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-9720 RENCO-RL-9720 Datasheet
421Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
logo
GuangDong Province Meng...
MTSNR5040 MENGCO-MTSNR5040 Datasheet
1Mb / 2P
Low profile SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com