Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL-3012-R56N Datasheet(PDF) 2 Page - RENCO ELECTRONICS, INC.

Part # RL-3012-R56N
Description  LOW PROFILE SMD POWER INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-3012-R56N Datasheet(HTML) 2 Page - RENCO ELECTRONICS, INC.

  RL-3012-R56N Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-3012-R56N Datasheet HTML 2Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
239
RL-3012
Renco Part No.
RL-3012
Inductance
(µH)
DCR Max.
(Ohms)
Isat
(A)
Irms
(A)
RL-3012-R56N
0.56 ± 30%
0.038
2.50
1.95
RL-3012-R68N
0.68 ± 30%
0.044
2.10
1.85
RL-3012-1R0N
1.0 ± 30%
0.053
1.90
1.70
RL-3012-1R2N
1.2 ± 30%
0.053
1.90
1.70
RL-3012-1R5N
1.5 ± 30%
0.067
1.70
1.55
RL-3012-2R2N
2.2 ± 30%
0.093
1.30
1.40
RL-3012-3R3N
3.3 ± 30%
0.130
1.10
1.20
RL-3012-4R7M
4.7 ± 20%
0.190
0.95
0.95
RL-3012-5R6M
5.6 ± 20%
0.220
0.83
0.85
RL-3012-6R8M
6.8 ± 20%
0.260
0.80
0.80
RL-3012-100M
10.0 ± 20%
0.360
0.65
0.67
RL-3012-150M
15.0 ± 20%
0.530
0.55
0.56
RL-3012-220M
22.0 ± 20%
0.790
0.45
0.41
RL-3012-330M
33.0 ± 20%
1.140
0.36
0.31
RL-3012-470M
47.0 ± 20%
1.530
0.30
0.22
NOTES:
1. Isat - DC CURRENT THAT WILL CAUSE INDUCTANCE TO DROP BY 30%
2. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO
RISE APPROX. 40ºC ABOVE AMBIENT OF 25ºC
3. RESISTANCE TO SOLDER HEAT: 260ºC FOR 10 SECONDS
4. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
5. INDUCTANCE TESTED AT 100 kHz, 0.1 Vrms



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com