Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL-3316-HC-R33M Datasheet(PDF) 1 Page - RENCO ELECTRONICS, INC.

Part # RL-3316-HC-R33M
Description  UNSHIELDED ULTRA HIGH CURRENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-3316-HC-R33M Datasheet(HTML) 1 Page - RENCO ELECTRONICS, INC.

  RL-3316-HC-R33M Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-3316-HC-R33M Datasheet HTML 2Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
RL-3316-HC
UNSHIELDED ULTRA HIGH CURRENT
• Lowcost,highperformanceinductor
• Superlowresistancewithhighcurrentrating
• ExcellentasDC-DCconverterusedinnotebookcomputers
andstep-uporstep-downconverters
FEATURES & APPLICATIONS
DESCRIPTION
• UnshieldedHighCurrentSMDInductor
ENVIRONMENTAL DATA
• Storagetemperaturerange:
-55°Cto+130°C
• Operatingtemperaturerange:
-40°Cto+130°C
PACKAGING INFORMATION
• Packaginginformation:pg.489
Verify operation with sample in actual circuit. Order samples at www.rencousa.com.
TOP VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
PART NUMBER
A (MAX.)
B (MAX.)
C (MAX.)
D (REF.)
E (REF.)
F (REF.)
RL-3316-HC
0.531 (13.50)
0.390 (9.91)
0.250 (6.35)
0.071 (1.80)
0.197 (5.00)
0.329 (8.36)
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART NUMBER PART WEIGHT
RL-3316-HC
1.0g (0.035oz)
A
B
C
E
F
D
SCHEMATIC
ST
FN


Similar Part No. - RL-3316-HC-R33M

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-3316-1.0 RENCO-RL-3316-1.0 Datasheet
1Mb / 2P
SMD POWER INDUCTORS
RL-3316-1.5 RENCO-RL-3316-1.5 Datasheet
1Mb / 2P
SMD POWER INDUCTORS
RL-3316-10 RENCO-RL-3316-10 Datasheet
1Mb / 2P
SMD POWER INDUCTORS
RL-3316-100 RENCO-RL-3316-100 Datasheet
1Mb / 2P
SMD POWER INDUCTORS
RL-3316-1000 RENCO-RL-3316-1000 Datasheet
1Mb / 2P
SMD POWER INDUCTORS
More results

Similar Description - RL-3316-HC-R33M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7158 INTERSIL-EL7158 Datasheet
199Kb / 9P
Ultra-High Current Pin Driver
May 14, 2007
logo
Allied Components Inter...
UCB50-560T-RC ALLIED-UCB50-560T-RC Datasheet
344Kb / 1P
Ultra Current Beads
UCB03 ALLIED-UCB03 Datasheet
390Kb / 1P
Ultra Current Beads
logo
Intersil Corporation
EL7158IS INTERSIL-EL7158IS Datasheet
202Kb / 9P
Ultra-High Current Pin Driver
May 14, 2007
logo
Abracon Corporation
ASPI-0309 ABRACON-ASPI-0309 Datasheet
3Mb / 3P
ULTRA LOW PROFILE UNSHIELDED SMD CHIP POWER INDUCTOR
03.24.11
ASPI-0403H ABRACON-ASPI-0403H Datasheet
3Mb / 3P
High Current Unshielded, SMD Power Inductors
11.09.15
ASPI-0503H ABRACON-ASPI-0503H Datasheet
3Mb / 3P
High Current Unshielded, SMD Power Inductors
11.09.15
logo
Renesas Technology Corp
EL7158 RENESAS-EL7158 Datasheet
488Kb / 9P
Ultra-High Current Pin Driver
logo
Bourns Electronic Solut...
SF-2923UC-C BOURNS-SF-2923UC-C Datasheet
803Kb / 7P
Ultra-High Current SMD Fuses
logo
RENCO ELECTRONICS, INC.
RL-5022-HC RENCO-RL-5022-HC Datasheet
1Mb / 2P
UNSHIELDED ULTRA HIGH CURRENT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com