Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL-3316-HC-R33M Datasheet(PDF) 2 Page - RENCO ELECTRONICS, INC.

Part # RL-3316-HC-R33M
Description  UNSHIELDED ULTRA HIGH CURRENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-3316-HC-R33M Datasheet(HTML) 2 Page - RENCO ELECTRONICS, INC.

  RL-3316-HC-R33M Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-3316-HC-R33M Datasheet HTML 2Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
Renco Part No.
RL-3316-HC
Inductance
(µH)
DCR Max.
(Ohms)
Isat
(A)
Irms
(A)
SRF Typ.
(MHz)
RL-3316-HC-R33M
0.33 ± 20%
0.002
20.00
16.00
300.0
RL-3316-HC-R68M
0.68 ± 20%
0.005
13.00
12.00
200.0
RL-3316-HC-1R0M
1.00 ± 20%
0.006
11.00
10.00
100.0
RL-3316-HC-1R5M
1.50 ± 20%
0.008
9.00
9.00
90.0
RL-3316-HC-2R2M
2.20 ± 20%
0.011
7.80
7.40
90.0
RL-3316-HC-2R7M
2.70 ± 20%
0.012
7.00
6.60
65.0
RL-3316-HC-3R3M
3.30 ± 20%
0.014
6.40
5.90
65.0
RL-3316-HC-4R7M
4.70 ± 20%
0.018
5.40
4.80
45.0
RL-3316-HC-5R6M
5.60 ± 20%
0.022
5.00
4.60
40.0
RL-3316-HC-6R8M
6.80 ± 20%
0.027
4.60
4.40
36.0
RL-3316-HC-8R2M
8.20 ± 20%
0.032
4.00
4.00
28.0
RL-3316-HC-100M
10.00 ± 20%
0.038
3.80
3.90
25.0
RL-3316-HC
NOTES:
1. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
2. Isat - DC CURRENT THAT WILL CAUSE INDUCTANCE
TO DROP BY 10%
3. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO
RISE APPROX. 40ºC ABOVE AMBIENT OF 25ºC
4. INDUCTANCE TESTED AT 100 kHz, 0.1 Vrms
* OTHER NON STANDARD INDUCTANCE VALUES ARE AVAILABLE TO
MEET YOUR EXACT REQUIREMENTS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com