Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9261 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # P9261
Description  15W Wireless Power Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9261 Datasheet(HTML) 2 Page - Integrated Device Technology

  P9261 Datasheet HTML 1Page - Integrated Device Technology P9261 Datasheet HTML 2Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P9260/P9261 Short-Form Datasheet
© 2018 Integrated Device Technology, Inc.
2
February 23, 2018
Functional Block Diagram
32-bit ARM
Processor
SCL
SDA
BST_BRG1
GH_BRG1
SW_BRG1
GL_BRG1
BST_BRG2
GH_BRG2
SW_BRG2
GL_BRG2
ASK Decoder
ADC Input
VBRG_IN
DRV_VIN
DATA
OTP
DATA
SRAM
I2C
SPI_D1
SS
SPI
SCLK
SPI_D0
5V
Buck
LDO33
PREG
LDO18
LDO5V
SW_S
LDO_VIN
LDO33
LDO18
5V
3.3V
1.8V
GPIOB6
GND_BRG
LED1
LED2
OSC
GPIOA5
GPIOA2
GPIOA3
GPIOB5
GPIOA6
12
MUX
ADC
GPIOA7
PWM
GPIOB8
GPIOB4
EPGND
VDDIO
I/O
Module
GPIOA4
EN
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) and its affiliated companies (herein referred to as “IDT”) reserve the right to modify the products and/or specifications described herein at any time,
without notice, at IDT's sole discretion. Performance specifications and operating parameters of the described products are d etermined in an independent state and are not guaranteed to perform the same
way when installed in customer products. The information contained herein is provided without representation or warranty of a ny kind, whether express or implied, including, but not limited to, the suitability
of IDT's products for any particular purpose, an implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not
convey any license under intellectual property rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com