Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9261 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # P9261
Description  15W Wireless Power Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9261 Datasheet(HTML) 1 Page - Integrated Device Technology

  P9261 Datasheet HTML 1Page - Integrated Device Technology P9261 Datasheet HTML 2Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automotive, High Efficiency, Qi-Compliant
15W Wireless Power Transmitter
P9260/P9261
Short-Form Datasheet
© 2018 Integrated Device Technology, Inc.
1
February 23, 2018
9V to 16V
ISNS_IN
VIN
Peak
Detector
P9261
SW_S
LDO33
LDO18
PREG
LDO_VIN
P9221-R
VOUT
GND
Power + Communication
Communication
COIL
SELECTION
Voltage
Regulator
VDDIO
Rsns
Description
The IDT P9260 and P9261 are highly integrated, magnetic induc-
tion wireless power transmitter controllers supporting the WPC Qi
specifications or proprietary applications. Depending on the
product code, the P9260/61 can function with a single coil or
multiple coils in a full-bridge or half bridge inverter configuration.
The P9260 is designed to support single-coil applications, and the
P9261 is for multi-coil designs.
The P9260/61, which includes an industry-leading 32-bit ARM®
Cortex®-M0 processor, offers a high level of programmability and
extremely low standby power consumption. The transmitter gen-
erates power through the power coil, detects the presence of a
wireless power receiver, decodes the communication packets from
the receiver, and adjusts the transmitted power by controlling the
voltage based on feedback from the receiver. The transmitter will
enable the power receiver to output 15W if the bidirectional
communication protocol can be established, or the power receiver
will output only 5W for a standard 5W power receiver.
The transmitter detects if a foreign metal object is placed on the
transmitter coil. To safeguard the device and the system under fault
conditions, the P9260/61 includes input under-voltage, input over-
voltage, output short-circuit, and over-temperature protection.
The microcontroller empowers the user to customize features such
as LED patterns, foreign object detection (FOD) threshold settings,
or the over-temperature threshold. The device supports the I2C
serial interface protocol, which enables the user to control the basic
parameters, such as operating mode, switching frequency, input
current, and input voltage.
The P9260 is available in a lead-free, space-saving 7
 7 mm,
48-QFN wettable flank package. The product is rated over the
operating temperature range of -40ºC to +105ºC.
Features
AEC-Q100, grade 2 qualified for automotive applications
EMI/EMC performance meets the CISPR-25 specification
Supports up to15W wireless power receivers
Wide input voltage range: 4.25V to 21V
Fixed frequency and duty cycle wireless power topology
WPC 1.2.4 compliant and will support future WPC
compatibility; supports single or multiple coil configurations
Embedded 32-bit ARM® Cortex®-M0 processor (trademark of
ARM, Ltd.)
OTP program memory; also supports external flash memory
Supports I2C and SPI interfaces
Integrated drivers for external power FETs and current voltage
sensing
Low standby power
Integrated step-down switching regulator for internal blocks to
increase overall efficiency
Advanced foreign objects detection (FOD) and Q-factor
function
Supports LEDs for status indication and alignment aid
Over-current, over-voltage, and over-temperature protection
Dedicated remote temperature sensing
7
 7 mm, 48-QFN wettable flank RoHS-compliant package
-40ºC to +105ºC ambient operating temperature range
Typical Applications
Automotive in-cabin WPC Qi 1.2.4 wireless charger
Simplified P9261 Application Schematic


Similar Part No. - P9261

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P920006 TRIPPLITE-P920006 Datasheet
472Kb / 2P
Internal Power Y-Splitter Dual Drive Cable (4Pin M to 2x 4Pin SOK), 6-in
logo
fujitsu semiconductor
P920E85 FUJITSU-P920E85 Datasheet
184Kb / 9P
FUJITSU Desktop ESPRIMO P920 E85
P920E90 FUJITSU-P920E90 Datasheet
182Kb / 9P
FUJITSU Desktop ESPRIMO P920 E90
logo
OTTO Engineering, Inc
P9213121 OTTO-P9213121 Datasheet
89Kb / 2P
SEALED DOME PUSHBUTTON SWITCHES
P9213122 OTTO-P9213122 Datasheet
89Kb / 2P
SEALED DOME PUSHBUTTON SWITCHES
More results

Similar Description - P9261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
Wireless Power Transmitter Manager
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9235A-R IDT-P9235A-R Datasheet
1Mb / 23P
Wireless Power Transmitter
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
Wireless Power Transmitter
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Rohm
BD57020MWV ROHM-BD57020MWV Datasheet
3Mb / 42P
Wireless Power Transmitter IC
BD57021MWV ROHM-BD57021MWV Datasheet
3Mb / 41P
Wireless Power Transmitter IC
logo
Renesas Technology Corp
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
Wireless Power Transmitter for 15W Applications
January 16, 2018
P9242-R3 RENESAS-P9242-R3 Datasheet
1Mb / 44P
15W Wireless Charging Transmitter with Bi-directional Data Communication
May 17, 2019
P9243-GB RENESAS-P9243-GB Datasheet
1Mb / 41P
Wireless Power Transmitter for Smartphones with Fast Charging Modes and 15W Applications
July 7, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com