Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet (PDF) - Renesas Technology Corp

P9242-R Datasheet PDF - Renesas Technology Corp
Part # P9242-R
Download  P9242-R Download
File Size   1163.32 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wireless Power Transmitter for 15W Applications

P9242-R Datasheet (PDF)

Go To PDF Page Download Datasheet
P9242-R Datasheet PDF - Renesas Technology Corp

Part # P9242-R
Download  P9242-R Click to download

File Size   1163.32 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wireless Power Transmitter for 15W Applications

P9242-R Datasheet (HTML) - Renesas Technology Corp


P9242-R Product details

Description
The P9242-R is a highly integrated, magnetic induction, wireless
power transmitter supporting up to 15W. The system-on-chip
operates with an input voltage range of 4.25V to 21V.
The transmitter includes an industry-leading 32-bit ARM® Cortex®-
M0 processor offering a high level of programmability while
consuming extremely low standby power. The P9242-R features
two LED outputs with pre-defined user-programmable blinking
patterns, buzzer, and programmable over-current protection
supporting a wide range of applications. The I2C serial
communication allows the user to read information such as voltage,
current, frequency, and fault conditions. The P9242-R includes an
under-voltage lockout and thermal management circuit to safe
guard the device under fault conditions. Together with the P9221-
R receiver (RX), the P9242-R is a complete wireless power system
solution.
The P9242-R is available in a lead-free, space-saving 48-VFQFN
package. The product is rated for a -40ºC to +85ºC operating
temperature range.

Features
ƒ Power transfer up to 15W
ƒ Wide input voltage range: 4.25V to 21V
ƒ WPC-1.2 compliant, MP-A2 coil configuration
ƒ Integrated step-down switching regulator
ƒ Embedded 32-bit ARM® Cortex®-M0 processor
ƒ Integrated drivers for external power FETs
ƒ Simultaneous voltage and current demodulation scheme for
communication
ƒ Integrated current sense amplifier
ƒ Low standby power
ƒ Dedicated remote temperature sensing
ƒ Programmable current limit
ƒ Power transfer LED indicator
ƒ User programmable foreign objects detection (FOD)
ƒ Pre-defined user-programmable LED pattern
ƒ Active-LOW enable pin for electrical on/off
ƒ Over-current and over-temperature protection
ƒ Supports I2C interface
ƒ -40 to +85°C ambient operating temperature range
ƒ 48-VFQFN (6 u 6 mm) RoHS-compliant package




Similar Part No. - P9242-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
Wireless Power Transmitter
logo
Renesas Technology Corp
P9242-R3 RENESAS-P9242-R3 Datasheet
1Mb / 44P
15W Wireless Charging Transmitter with Bi-directional Data Communication
May 17, 2019
logo
Integrated Device Techn...
P9242-RNDGI8 IDT-P9242-RNDGI8 Datasheet
1Mb / 31P
Wireless Power Transmitter
More results


Similar Description - P9242-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9235A-R IDT-P9235A-R Datasheet
1Mb / 23P
Wireless Power Transmitter
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
Wireless Power Transmitter
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
RAA458100GNP RENESAS-RAA458100GNP Datasheet
366Kb / 24P
Wireless Charging System Transmitter IC for Low Power Applications
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
15W Wireless Power Transmitter
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
logo
Renesas Technology Corp
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9235A-R RENESAS-P9235A-R Datasheet
1Mb / 24P
Wireless Power Transmitter for ≤3W Applications
May 17, 2016
P9235A-RB RENESAS-P9235A-RB Datasheet
537Kb / 22P
Wireless Power Transmitter for up to 5W Applications
November 9, 2021
P9243-GB RENESAS-P9243-GB Datasheet
1Mb / 41P
Wireless Power Transmitter for Smartphones with Fast Charging Modes and 15W Applications
July 7, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com