Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet (PDF) - Renesas Technology Corp

P9221-R Datasheet PDF - Renesas Technology Corp
Part # P9221-R
Download  P9221-R Download
File Size   1349.1 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wireless Power Receiver for 15W Applications

P9221-R Datasheet (PDF)

Go To PDF Page Download Datasheet
P9221-R Datasheet PDF - Renesas Technology Corp

Part # P9221-R
Download  P9221-R Click to download

File Size   1349.1 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wireless Power Receiver for 15W Applications

P9221-R Datasheet (HTML) - Renesas Technology Corp


P9221-R Product details

Description
The P9221-R is a high-efficiency, Qi-compliant wireless power
receiver targeted for applications up to 15W. Using magnetic inductive charging technology, the receiver converts an AC power signal
from a resonant tank to a programmable regulated 9V or 12V DC
output voltage. The integrated, low RDSON synchronous rectifier
and ultra-low dropout linear (LDO) regulator offer high efficiency,
making the product ideally suited for battery-operated applications.
The P9221-R includes an industry-leading 32 bit ARM® Cortex®-
M0 microprocessor offering a high level of programmability. In
addition, the P9221-R features a programmable current limit and a
patented over-voltage protection scheme eliminating the need for
additional capacitors generally used by receivers and minimizing
the external component count and cost. Together with IDT’s
P9242-R transmitter (Tx), the P9221-R is a complete wireless
power system solution for power applications up to 15W.
The P9221-R is available in a 52-WLCSP package, and it is rated
for a 0 to 85°C ambient operating temperature range.

Features
 Single-chip solution supporting up to 15W applications
 WPC-1.2.3 compliant
 Patented over-voltage protection clamp eliminating external
capacitors
 87% peak DC-to-DC efficiency with P9242-R Tx
 Full synchronous rectifier with low RDSON switches
 Programmable output voltage: 9V or 12V
 User-programmable foreign-object detection (FOD)
 Embedded 32-bit ARM® Cortex®-M0 processor
 Dedicated remote temperature sensing
 Power transfer LED indicator
 Programmable current limit
 Active-low enable pin for electrical on/off
 Open-drain interrupt flag
 Supports I2C interface
 0 to +85°C ambient operating temperature range
 52-WLCSP (2.64  3.94 mm; 0.4mm pitch)




Similar Part No. - P9221-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
P9221-R3 RENESAS-P9221-R3 Datasheet
1Mb / 46P
15W Wireless Charging Receiver with Bi-directional Data Communication
October 20, 2017
logo
Integrated Device Techn...
P9221-RAHGI8 IDT-P9221-RAHGI8 Datasheet
1Mb / 35P
Wireless Power Receiver
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
More results


Similar Description - P9221-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
Wireless Charging System Receiver IC for Low Power Applications
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
15W Wireless Power Transmitter
logo
Kinetic Technologies.
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
logo
Renesas Technology Corp
P9415-R RENESAS-P9415-R Datasheet
1Mb / 62P
15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
P9222-R RENESAS-P9222-R Datasheet
3Mb / 58P
Wireless Power Receiver for Low Power Applications
May 5, 2022
P9225-R RENESAS-P9225-R Datasheet
1Mb / 35P
Dual-Mode Wireless Power Receiver for 5W Applications
November 12, 2018
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
Wireless Power Transmitter for 15W Applications
January 16, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com