Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet (PDF) - Integrated Device Technology

P9221-R Datasheet PDF - Integrated Device Technology
Part # P9221-R
Download  P9221-R Download
File Size   1408.94 Kbytes
Page   35 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Wireless Power Receiver for 15W Applications

P9221-R Datasheet (PDF)

Go To PDF Page Download Datasheet
P9221-R Datasheet PDF - Integrated Device Technology

Part # P9221-R
Download  P9221-R Click to download

File Size   1408.94 Kbytes
Page   35 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Wireless Power Receiver for 15W Applications

P9221-R Datasheet (HTML) - Integrated Device Technology




Similar Part No. - P9221-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
logo
Renesas Technology Corp
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9221-R3 RENESAS-P9221-R3 Datasheet
1Mb / 46P
15W Wireless Charging Receiver with Bi-directional Data Communication
October 20, 2017
logo
Integrated Device Techn...
P9221-RAHGI8 IDT-P9221-RAHGI8 Datasheet
1Mb / 35P
Wireless Power Receiver
More results


Similar Description - P9221-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
Wireless Charging System Receiver IC for Low Power Applications
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
15W Wireless Power Transmitter
logo
Kinetic Technologies.
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
logo
Renesas Technology Corp
P9415-R RENESAS-P9415-R Datasheet
1Mb / 62P
15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9222-R RENESAS-P9222-R Datasheet
3Mb / 58P
Wireless Power Receiver for Low Power Applications
May 5, 2022
P9225-R RENESAS-P9225-R Datasheet
1Mb / 35P
Dual-Mode Wireless Power Receiver for 5W Applications
November 12, 2018
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
Wireless Power Transmitter for 15W Applications
January 16, 2018
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com