Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 9 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button P9221-R Datasheet HTML 5Page - Integrated Device Technology P9221-R Datasheet HTML 6Page - Integrated Device Technology P9221-R Datasheet HTML 7Page - Integrated Device Technology P9221-R Datasheet HTML 8Page - Integrated Device Technology P9221-R Datasheet HTML 9Page - Integrated Device Technology P9221-R Datasheet HTML 10Page - Integrated Device Technology P9221-R Datasheet HTML 11Page - Integrated Device Technology P9221-R Datasheet HTML 12Page - Integrated Device Technology P9221-R Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
9
April 4, 2017
4. Thermal Characteristics
Table 4.
Package Thermal Information
Note: This thermal rating was calculated on a JEDEC 51 standard 4-layer board with dimensions 76.2 x 114.3 mm in still air conditions.
Symbol
Description
WLCSP Rating 8 Thermal Balls
Units
θJA
Thermal Resistance Junction to Ambient[a]
47
C/W
θJC
Thermal Resistance Junction to Case
0.202
C/W
θJB
Thermal Resistance Junction to Board
4.36
C/W
TJ
Operating Junction Temperature[a]
-5 to +125
C
TA
Ambient Operating Temperature[a]
0 to +85
C
TSTG
Storage Temperature
-55 to +150
C
TBUMP
Maximum Soldering Temperature (Reflow, Pb-Free)
260
C
[a] The maximum power dissipation is PD(MAX) = (TJ(MAX) - TA) / θJA where TJ(MAX) is 125°C. Exceeding the maximum allowable power dissipation will
result in excessive die temperature, and the device will enter thermal shutdown.
5. Electrical Characteristics
Table 5.
Electrical Characteristics
Note: VRECT = 5.5V; COUT = 4.7μF, EN
̅̅̅̅ = LOW, unless otherwise noted. TJ = 0C to 125C; typical values are at 25°C.
Symbol
Description
Conditions
Min
Typical
Max
Units
Under-Voltage Lock-Out (UVLO)
VUVLO_Rising
UVLO Rising
Rising voltage on VRECT
2.9
2.98
V
VUVLO_HYS
UVLO Hysteresis
VRECT falling
200
mV
Over-Voltage Protection
VOVP-DC
DC Over-Voltage
Protection
Rising voltage
13.5
V
VOVP-HYS
Over-Voltage Hysteresis
1
V
Quiescent Current
IACTIVE_SUPLY
Supply Current
EN
¯¯ = Low, No load; VRECT = 12.3V
3.0
mA
ISHD
Shut Down Mode Current
EN
¯¯ = High; VRECT = 12.3V
500
μA
VDD18 Voltage
VVDD18
VDD18 Pin Output
Voltage[a]
IVDD18 = 10mA, CVDD18 = 1µF
1.62
1.8
1.98
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com