Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 27 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button P9221-R Datasheet HTML 23Page - Integrated Device Technology P9221-R Datasheet HTML 24Page - Integrated Device Technology P9221-R Datasheet HTML 25Page - Integrated Device Technology P9221-R Datasheet HTML 26Page - Integrated Device Technology P9221-R Datasheet HTML 27Page - Integrated Device Technology P9221-R Datasheet HTML 28Page - Integrated Device Technology P9221-R Datasheet HTML 29Page - Integrated Device Technology P9221-R Datasheet HTML 30Page - Integrated Device Technology P9221-R Datasheet HTML 31Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
27
April 4, 2017
Table 19. Read Register – Die Temperature
TDIE=(ADC_Die_Temp − 1350)
83
444
– 273 where ADC_Die_Temp = 12 bits from ADC_Die_Temp_H and ADC_Die_Temp_L.
Address and Bit
Register Field Name
R/W
Default
Function and Description
46HEX [7:0]
ADC_Die_Temp_L
R
-
8 LSB of current die temperature in °C.
47HEX [7:4]
Reserved
R
0HEX
Reserved
47HEX [3:0]
ADC_Die_Temp_H
R
-
4 MSB of current die temperature in °C.
Table 20. Read Register – Operating Frequency
fOP=
64 ∗ 6000
OP_FREQ [15:0]
Address and Bit
Register Field Name
R/W
Default
Function and Description
48HEX [7:0]
OP_FREQ[7:0]
R
-
8 LSB AC signal frequency on the coil.
49HEX [7:0]
OP_FREQ[15:8]
R
-
8 MSB AC signal frequency on the coil.
Table 21. Alignment X Value Register
Note: Valid only in presence of the alignment PCB coil. (See section 8.10 or the P9221-R Evaluation Kit User Manual for more information.)
Address and Bit
Register Field Name
R/W
Default
Function and Description
4BHEX [7:0]
Align_X
R
-
8-bit signed integer representing alignment between TX and RX
coil in the X-direction. The value is application-specific.
Table 22. Alignment Y Value Register
Note: Valid only in presence of the alignment PCB coil. (See section 8.10 or the P9221-R Evaluation Kit User Manual for more information.)
Address and Bit
Register Field Name
R/W
Default
Function and Description
4CHEX [7:0]
Align_Y
R
-
8-bit signed integer representing alignment between TX and RX
coil in the Y-direction. The value is application-specific.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com