Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 21 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button P9221-R Datasheet HTML 17Page - Integrated Device Technology P9221-R Datasheet HTML 18Page - Integrated Device Technology P9221-R Datasheet HTML 19Page - Integrated Device Technology P9221-R Datasheet HTML 20Page - Integrated Device Technology P9221-R Datasheet HTML 21Page - Integrated Device Technology P9221-R Datasheet HTML 22Page - Integrated Device Technology P9221-R Datasheet HTML 23Page - Integrated Device Technology P9221-R Datasheet HTML 24Page - Integrated Device Technology P9221-R Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
21
April 4, 2017
9.2
Bit Encoding Scheme for ASK
As required by the WPC, the P9221-R uses a differential bi-phase encoding scheme to modulate data bits onto the power signal. A clock
frequency of 2kHz is used for this purpose. A logic ONE bit is encoded using two narrow transitions, whereas a logic ZERO bit is encoded using
one wider transition as shown below:
Figure 20. Bit Encoding Scheme
tCLK
ONE
ZERO
ONE
ZERO
ONE
ONE
ZERO
ZERO
9.3
Byte Encoding for ASK
Each byte in the communication packet comprises 11 bits in an asynchronous serial format, as shown in Figure 21.
Figure 21. Byte Encoding Scheme
Start
Stop
Parity
b
0
1
2
3
4
5
6
7
b
b
b
b
b
b
b
Each byte has a start bit, 8 data bits, a parity bit, and a single stop bit.
9.4
Packet Structure
The P9221-R communicates with the base station via communication packets. Each communication packet has the following structure:
Figure 22. Communication Packet Structure
Preamble
Header
Message
Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com