Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 23 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button P9221-R Datasheet HTML 19Page - Integrated Device Technology P9221-R Datasheet HTML 20Page - Integrated Device Technology P9221-R Datasheet HTML 21Page - Integrated Device Technology P9221-R Datasheet HTML 22Page - Integrated Device Technology P9221-R Datasheet HTML 23Page - Integrated Device Technology P9221-R Datasheet HTML 24Page - Integrated Device Technology P9221-R Datasheet HTML 25Page - Integrated Device Technology P9221-R Datasheet HTML 26Page - Integrated Device Technology P9221-R Datasheet HTML 27Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
23
April 4, 2017
10.3 Identification and Configuration Phase
The identification and configuration phase is the part of the protocol that the power transmitter executes in order to identify the power receiver
and establish a default power transfer contract. This protocol extends the digital ping in order to enable the power receiver to communicate the
relevant information.
In this phase, the power receiver identifies itself and provides information for a default power transfer contract:
It sends the configuration packet.
If the power transmitter does not acknowledge the request (does not transmit FSK modulation), the power receiver will assume 5W output
power.
10.4 Negotiation Phase
In the negotiation phase, the power receiver negotiates changes to the default power transfer contract. In addition, the power receiver verifies
that the power transmitter has not detected a foreign object.
10.5 Calibration Phase
In the calibration phase, the power receiver provides information that the power transmitter can use to improve its ability to detect foreign objects
during power transfer.
10.6 Power Transfer Phase
In this phase, the P9221-R controls the power transfer by means of the following control data packets:
Control Error Packets
Received Power Packet (RPP, FOD related)
End Power Transfer (EPT) Packet
Once the “identification and configuration” phase is completed, the transmitter initiates the power transfer mode. The P9221-R control circuit
measures the rectifier voltage and sends error packets to the transmitter to adjust the rectifier voltage to the level required to maximize the
efficiency of the linear regulator and to send to the transmitter the actual received power packet for foreign object detection (FOD) to guarantee
safe, efficient power transfer.
In the event of an EPT issued by the application, the P9221-R turns off the LDO and continuously sends EPT packets until the transmitter
removes the power and the rectified voltage on the receiver side drops below the UVLO threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com