Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 12 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button P9221-R Datasheet HTML 8Page - Integrated Device Technology P9221-R Datasheet HTML 9Page - Integrated Device Technology P9221-R Datasheet HTML 10Page - Integrated Device Technology P9221-R Datasheet HTML 11Page - Integrated Device Technology P9221-R Datasheet HTML 12Page - Integrated Device Technology P9221-R Datasheet HTML 13Page - Integrated Device Technology P9221-R Datasheet HTML 14Page - Integrated Device Technology P9221-R Datasheet HTML 15Page - Integrated Device Technology P9221-R Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
12
April 4, 2017
6. Typical Performance Characteristics
The following performance characteristics were taken using a P9242-R, 15 W wireless power transmitter at TA = 25°C unless otherwise noted.
Figure 2. Efficiency vs. Output Load: VOUT = 12V
Figure 3. Load Reg. vs. Output Load: VOUT = 12V
Figure 4. Efficiency vs. Output Load: VOUT = 9V
Figure 5. Load Reg. vs. Output Load: VOUT = 9V
Figure 6. Efficiency vs. Output Load: VOUT = 5V
Figure 7. Load Reg. vs. Output Load: VOUT = 5V
40
50
60
70
80
90
100
0.1
0.3
0.5
0.7
0.9
1.1
1.3
OUTPUT CURRENT [A]
11.6
11.7
11.8
11.9
12
12.1
12.2
12.3
12.4
0.1
0.3
0.5
0.7
0.9
1.1
1.3
OUTPUT CURRENT[A]
85°C
65°C
25°C
0°C
-25°C
-40°C
40
45
50
55
60
65
70
75
80
85
90
0.1
0.3
0.5
0.7
0.9
1.1
1.3
OUTPUT CURRENT [A]
8.6
8.7
8.8
8.9
9.0
9.1
9.2
9.3
9.4
0.1
0.3
0.5
0.7
0.9
1.1
1.3
OUTPUT CURRENT[A]
85°C
65°C
25°C
0°C
40
45
50
55
60
65
70
75
80
85
90
0.1
0.3
0.5
0.7
0.9
1.1
OUTPUT CURRENT [A]
4.50
4.60
4.70
4.80
4.90
5.00
5.10
5.20
5.30
5.40
5.50
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
OUTPUT CURRENT[A]
85°C
65°C
25°C
0°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com