Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 13 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button P9221-R Datasheet HTML 9Page - Integrated Device Technology P9221-R Datasheet HTML 10Page - Integrated Device Technology P9221-R Datasheet HTML 11Page - Integrated Device Technology P9221-R Datasheet HTML 12Page - Integrated Device Technology P9221-R Datasheet HTML 13Page - Integrated Device Technology P9221-R Datasheet HTML 14Page - Integrated Device Technology P9221-R Datasheet HTML 15Page - Integrated Device Technology P9221-R Datasheet HTML 16Page - Integrated Device Technology P9221-R Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
13
April 4, 2017
Figure 8. Rectifier Voltage vs. Load: VOUT = 12V
Figure 9. Rectifier Voltage vs. Load: VOUT = 9V
Figure 10. Rectifier Voltage vs. Load: VOUT = 5V
Figure 11. Current Limit vs. VILIM
Figure 12. X and Y Misalignment
Figure 13. Max. Power vs. Misalignment: VOUT=12V
11.6
12
12.4
12.8
13.2
0.1
0.3
0.5
0.7
0.9
1.1
1.3
OUTPUT CURRENT[A]
85°C
65°C
25°C
0°C
-25°C
-40°C
8.8
8.9
9.0
9.1
9.2
9.3
9.4
9.5
9.6
9.7
9.8
9.9
10.0
0.1
0.3
0.5
0.7
0.9
1.1
1.3
OUTPUT CURRENT[A]
85°C
65°C
25°C
0°C
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
0.1
0.3
0.5
0.7
0.9
1.1
OUTPUT CURRENT[A]
85°C
65°C
25°C
0°C
0
200
400
600
800
1000
1200
1400
1600
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VILIM [V]
0
20
40
60
80
100
120
0
2
4
6
8
10
12
Misalignment [mm]
X-Align
Y-Align
0
2
4
6
8
10
12
14
16
18
50
60
70
80
90
100
-12 -10 -8 -6 -4 -2
0
2
4
6
8
10 12
Misalignment [mm]
EFFICIENCY
OUTPUT POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com