Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 10 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button P9221-R Datasheet HTML 6Page - Integrated Device Technology P9221-R Datasheet HTML 7Page - Integrated Device Technology P9221-R Datasheet HTML 8Page - Integrated Device Technology P9221-R Datasheet HTML 9Page - Integrated Device Technology P9221-R Datasheet HTML 10Page - Integrated Device Technology P9221-R Datasheet HTML 11Page - Integrated Device Technology P9221-R Datasheet HTML 12Page - Integrated Device Technology P9221-R Datasheet HTML 13Page - Integrated Device Technology P9221-R Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
10
April 4, 2017
Symbol
Description
Conditions
Min
Typical
Max
Units
VDD5V Voltage
VVDD5V
VDD5V Pin Output
Voltage[a]
IVDD5V = 10mA, CVDD5V = 1µF
4.5
5
5.5
V
Low Drop-Out (LDO) Regulator
IOUT_MAX
Maximum Output Current
1.25
A
VOUT_12V
12V Output Voltage
VOSET > 1.5V, VRECT=12.3V
12
V
VOUT_9V
9V Output Voltage
0.7V < VOSET < 1.2V, VRECT=9.3V
9
V
Analog to Digital Converter
N
Resolution
12
Bit
fSAMPLE
Sampling Rate
67.5
kSa/s
Channel
Number of Channels
8
VIN,FS
Full-Scale Input Voltage
2.1
V
EN
̅̅̅̅ pin
VIH
Input Threshold HIGH
1.4
V
VIL
Input Threshold LOW
0.25
V
IIL
Input Current LOW
VEN
¯¯ = 0V
-1
1
μA
IIH
Input Current HIGH
VEN
¯¯ = 5V
2.5
μA
VOSET, ILIM, TS, RPPO, RPPG
IIL
Input Current LOW
VVOSET, VILIM, VTS, VRPPO, VRPPG = 0V
-1
1
µA
IIH
Input Current HIGH
VVOSET, VILIM, VTS, VRPPO, VRPPG = 1.8V
-1
1
µA
ALIGNX, ALIGNY and INT
̅̅̅̅ pins
ILKG
Input Leakage Current
VALIGNX, VALIGNY, VINT = 0V and 5V
-1
1
µA
VOL
Output Logic LOW
IOL = 8mA
0.36
V
I2C Interface – SCL, SDA
VIL
Input Threshold LOW
0.7
V
VIH
Input Threshold HIGH
1.4
V
ILKG
Input Leakage Current
VSCL, VSDA = 0V and 5V
-1
1
µA
VOL
Output Logic LOW
IOL = 8mA
0.36
V
fSCL
Clock Frequency
400
kHz
tHD,STA
Hold Time (Repeated) for
START Condition
0.6
µs
tHD:DAT
Data Hold Time
0
ns
tLOW
Clock Low Period
1.3
µs
tHIGH
Clock High Period
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com