Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 34 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 34 Page - Integrated Device Technology

Back Button P9221-R Datasheet HTML 27Page - Integrated Device Technology P9221-R Datasheet HTML 28Page - Integrated Device Technology P9221-R Datasheet HTML 29Page - Integrated Device Technology P9221-R Datasheet HTML 30Page - Integrated Device Technology P9221-R Datasheet HTML 31Page - Integrated Device Technology P9221-R Datasheet HTML 32Page - Integrated Device Technology P9221-R Datasheet HTML 33Page - Integrated Device Technology P9221-R Datasheet HTML 34Page - Integrated Device Technology P9221-R Datasheet HTML 35Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
34
April 4, 2017
15. Special Notes: AHG52 WLCSP-52 Package Assembly
Unopened dry packaged parts have a one-year shelf life.
The HIC indicator card for newly-opened dry packaged parts should be checked. If there is any moisture content, the parts must be baked for
a minimum of 8 hours at 125˚C within 24 hours of the assembly reflow process.
16. Marking Diagram
IDT
P9221
YYWW**
$-R
1. Line 1 company name.
2. Truncated part number.
3. “YYWW” is the last digit of the year and week that the part was assembled.
** is the lot sequential code.
4. “$” denotes mark code, -R is part of the device part number
17. Ordering Information
Orderable Part Number
Description and Package
MSL Rating
Shipping Packaging
Ambient
Temperature
P9221-RAHGI8
P9221-R Wireless Power Receiver for 15W
Applications, 2.64
 3.94 mm 52-WLCSP (AHG52)
MSL1
Tape and reel
0°C to
+85°C
P9221-R-EVK
P9221-R-EVK Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com