Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet (PDF) - Renesas Technology Corp

P9225-R Datasheet PDF - Renesas Technology Corp
Part # P9225-R
Download  P9225-R Download
File Size   1256.35 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-Mode Wireless Power Receiver for 5W Applications

P9225-R Datasheet (PDF)

Go To PDF Page Download Datasheet
P9225-R Datasheet PDF - Renesas Technology Corp

Part # P9225-R
Download  P9225-R Click to download

File Size   1256.35 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-Mode Wireless Power Receiver for 5W Applications

P9225-R Datasheet (HTML) - Renesas Technology Corp


P9225-R Product details

Description
The P9225-R is a high-efficiency wireless power receiver (Rx)
capable of operating in both WPC and PMA protocols. Using
magnetic inductive charging technology, the receiver converts an
AC power signal from a resonant tank into a regulated DC output
voltage ranging from 4.5V to 5.5V. The integrated, low RDSON
synchronous rectifier and ultra-low dropout linear (LDO) regulator
offers high efficiency making the product ideally suited for batteryoperated applications.
The P9225-R includes an industry-leading 32-bit ARM®
Cortex®-M0 microprocessor offering a high level of programmability. The P9225-R also features a programmable current limit
and a patented over-voltage protection function eliminating the
need for additional capacitors generally used by the receivers
minimizing the external component count and cost. Together with
the P9038-R transmitter (TX), the P9225-R is a complete wireless
power system solution for power applications up to 5W.
The P9225-R is available in a 52-WLCSP package, and it is rated
for 0°C to 85°C ambient operating temperature range.

Features
 Single-chip solution supporting up to 5W applications
 WPC-1.2.4 compliant, PMA SR1 compatible
 Patented over-voltage protection clamp eliminating external
capacitors
 82% peak DC-to-DC efficiency with P9038-R TX
 Fully integrated synchronous rectifier with low RDS(ON)
switches
 Programmable output voltage: 4.5V to 5.5V
 Embedded 32-bit ARM® Cortex®-M0 processor
 Dedicated remote temperature sensing
 Programmable current limit
 Active-low enable pin for electrical on/off
 Active-high End-of-Charge input pin
 Open-drain interrupt flag
 Support for I2C interface
 0°C to +85°C ambient operating temperature range
 52-WLCSP (2.64 × 3.94 mm; 0.4mm pitch)




Similar Part No. - P9225-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9225-R IDT-P9225-R Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
P9225-R-EVK IDT-P9225-R-EVK Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
P9225-RAHGI8 IDT-P9225-RAHGI8 Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
More results


Similar Description - P9225-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
5W, Qi Wireless Power Receiver
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
P9225-R IDT-P9225-R Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
logo
STMicroelectronics
STWLC68 STMICROELECTRONICS-STWLC68 Datasheet
1Mb / 32P
Qi-compliant inductive wireless power receiver for 5W applications
Rev 3
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9222-R RENESAS-P9222-R Datasheet
3Mb / 58P
Wireless Power Receiver for Low Power Applications
May 5, 2022
P9235A-RB RENESAS-P9235A-RB Datasheet
537Kb / 22P
Wireless Power Transmitter for up to 5W Applications
November 9, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com