Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver for 5W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9225-R Datasheet(HTML) 1 Page - Renesas Technology Corp

  P9225-R Datasheet HTML 1Page - Renesas Technology Corp P9225-R Datasheet HTML 2Page - Renesas Technology Corp P9225-R Datasheet HTML 3Page - Renesas Technology Corp P9225-R Datasheet HTML 4Page - Renesas Technology Corp P9225-R Datasheet HTML 5Page - Renesas Technology Corp P9225-R Datasheet HTML 6Page - Renesas Technology Corp P9225-R Datasheet HTML 7Page - Renesas Technology Corp P9225-R Datasheet HTML 8Page - Renesas Technology Corp P9225-R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Dual-Mode Wireless Power Receiver
for 5W Applications
P9225-R
Datasheet
© 2018 Integrated Device Technology, Inc.
1
November 12, 2018
COM1
VRECT
SINK
OUT
VDD5V
EOC
SCL
INT
SDA
EN
On
AC1
AC2
VOSET
ILIM
RPPO
RPPG
TS
BST2
COM2
COMB
VDD18
GND
LED
VDD18V
Off
BST1
COMA
P9225-R
LS
COUT
CS
Description
The P9225-R is a high-efficiency wireless power receiver (Rx)
capable of operating in both WPC and PMA protocols. Using
magnetic inductive charging technology, the receiver converts an
AC power signal from a resonant tank into a regulated DC output
voltage ranging from 4.5V to 5.5V. The integrated, low RDSON
synchronous rectifier and ultra-low dropout linear (LDO) regulator
offers high efficiency making the product ideally suited for battery-
operated applications.
The P9225-R includes an industry-leading 32-bit ARM®
Cortex®-M0 microprocessor offering a high level of program-
mability. The P9225-R also features a programmable current limit
and a patented over-voltage protection function eliminating the
need for additional capacitors generally used by the receivers
minimizing the external component count and cost. Together with
the P9038-R transmitter (TX), the P9225-R is a complete wireless
power system solution for power applications up to 5W.
The P9225-R is available in a 52-WLCSP package, and it is rated
for 0°C to 85°C ambient operating temperature range.
Typical Applications
Headsets, tablets
Digital cameras
Portable media player
Accessories
Medical
Features
Single-chip solution supporting up to 5W applications
WPC-1.2.4 compliant, PMA SR1 compatible
Patented over-voltage protection clamp eliminating external
capacitors
82% peak DC-to-DC efficiency with P9038-R TX
Fully integrated synchronous rectifier with low RDS(ON)
switches
Programmable output voltage: 4.5V to 5.5V
Embedded 32-bit ARM® Cortex®-M0 processor
Dedicated remote temperature sensing
Programmable current limit
Active-low enable pin for electrical on/off
Active-high End-of-Charge input pin
Open-drain interrupt flag
Support for I2C interface
0°C to +85°C ambient operating temperature range
52-WLCSP (2.64 × 3.94 mm; 0.4mm pitch)
Typical Application Circuit


Similar Part No. - P9225-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9225-R IDT-P9225-R Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
P9225-R-EVK IDT-P9225-R-EVK Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
P9225-RAHGI8 IDT-P9225-RAHGI8 Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
More results

Similar Description - P9225-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
5W, Qi Wireless Power Receiver
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
P9225-R IDT-P9225-R Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
logo
STMicroelectronics
STWLC68 STMICROELECTRONICS-STWLC68 Datasheet
1Mb / 32P
Qi-compliant inductive wireless power receiver for 5W applications
Rev 3
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9222-R RENESAS-P9222-R Datasheet
3Mb / 58P
Wireless Power Receiver for Low Power Applications
May 5, 2022
P9235A-RB RENESAS-P9235A-RB Datasheet
537Kb / 22P
Wireless Power Transmitter for up to 5W Applications
November 9, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com