Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver for 5W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9225-R Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button P9225-R Datasheet HTML 2Page - Renesas Technology Corp P9225-R Datasheet HTML 3Page - Renesas Technology Corp P9225-R Datasheet HTML 4Page - Renesas Technology Corp P9225-R Datasheet HTML 5Page - Renesas Technology Corp P9225-R Datasheet HTML 6Page - Renesas Technology Corp P9225-R Datasheet HTML 7Page - Renesas Technology Corp P9225-R Datasheet HTML 8Page - Renesas Technology Corp P9225-R Datasheet HTML 9Page - Renesas Technology Corp P9225-R Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
6
November 12, 2018
2. Pin Descriptions
Table 1.
Pin Descriptions
Pins
Name
Type
Function
A1
COM1
Output
Open-drain output used to communicate with the transmitter. Connect a 47nF capacitor from
AC1 to COM1.
A2
EOC
Input
Active-HIGH End-of-Charge input pin. When connected to logic HIGH, the device sends an End
Power Transfer (i.e., charge complete) packet to the transmitter to terminate power delivery and
shuts down. Use a 10kΩ resistor to GND to pull this pin down to logic LOW by default.
A3
SCL
Input
Serial clock line. Open-drain pin. Connect this pin to a 5.1kΩ resistor to VDD18 pin if I2C access
by external AP is used. Otherwise, this pin can be left floating.
A4
VOSET
Input
Programming pin for setting the output voltage. Connect this pin to the center tap of the external
resistor divider to set the output voltage. For more information, refer to section 8.2 for different
output voltage settings.
A5
RPPG
Input
Received Power Packet Gain (RPPG) calibration pin for foreign object detection (FOD) tuning.
Connect this pin to the center tap of the external resistor divider to set the gain of the FOD. The
FOD is disabled by connecting RPPG and RPPO to GND. Do not leave this pin floating.
A6
COM2
Output
Open-drain output used to communicate with the transmitter. Connect a 47nF capacitor from
AC2 to COM2.
B1
COMA
Output
Open-drain output used to communicate with the transmitter. Connect a 47nF capacitor from
AC2 to COMA. If PMA mode is not used, this pin can be left floating.
B2
RSV0
–
Reserved pin.
B3
SDA
Input/Output Serial data line. Open-drain pin. Connect this pin to a 5.1kΩ resistor to VDD18 pin if I2C access
by external AP is used. Otherwise, this pin can be left floating.
B4
ILIM
Input
Programmable over-current limit pin. Connect this pin to the center tap of a resistor divider to set
the current limit. For more information about the current limit function, see section 8.5.
B5
EN
���� Input Active-LOWenablepin.PullingthispintologicHIGHforcesthedeviceintoShutDownMode.
When connected to logic LOW, the device is enabled. Do not leave this pin floating.
B6
COMB
Output
Open-drain output used to communicate with the transmitter. Connect a 47nF capacitor from
AC2 to COMB. If PMA mode is not used, this pin can be left floating.
C1, C6, J1, J2,
J3, J4, J5, J6
GND
GND
Ground.
C2
SINK
Output
Open-drain output for controlling the rectifier clamp. Short this pin to the VRECT pin.
C3
INT
���� Output Interruptflagpin.Thisisanopen-drainoutputthatsignalsfaultinterrupts.ItispulledLOWifany
of these faults exist: an over-voltage is detected, an over-current condition is detected, the die
temperature exceeds 140°C, or an external over-temperature condition is detected on the TS
pin.
It is also asserted LOW when EN is HIGH. Connect to VDD18 through a 10kΩ resistor. See
section 8.6 for additional conditions affecting the interrupt flag.
C4
RPPO
Input
Received Power Packet Offset (RPPO) calibration pin for FOD tuning. Connect this pin to the
center tap of the external resistor divider to set the offset of the FOD. The FOD is disabled by
connecting RPPG and RPPO to GND. Do not leave this pin floating.
C5
RSV4
Input
Reserved. This pin must be connected to a 10kΩ resistor to the VDD18 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com