Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver for 5W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9225-R Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button P9225-R Datasheet HTML 9Page - Renesas Technology Corp P9225-R Datasheet HTML 10Page - Renesas Technology Corp P9225-R Datasheet HTML 11Page - Renesas Technology Corp P9225-R Datasheet HTML 12Page - Renesas Technology Corp P9225-R Datasheet HTML 13Page - Renesas Technology Corp P9225-R Datasheet HTML 14Page - Renesas Technology Corp P9225-R Datasheet HTML 15Page - Renesas Technology Corp P9225-R Datasheet HTML 16Page - Renesas Technology Corp P9225-R Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
13
November 12, 2018
Figure 8. Rectified Voltage vs Output Load
Figure 9. Load Transient: VOUT = 5.5V, 0A  1.2A Figure 10. Load Transient: VOUT = 5.5V, 1.2A  0A
Figure 11. Load Transient: VOUT = 5V, 0A  1.2A
Figure 12. Load Transient: VOUT = 5V, 1.2A  0A
4
4.5
5
5.5
6
6.5
7
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Output Load [A]
Vout = 5.5V [WPC mode] Ta=0C
Vout = 5.5V [WPC mode] Ta=26C
Vout = 5.5V [WPC mode] Ta=85C
Vout = 5V [WPC mode] Ta=0C
Vout = 5V [WPC mode] Ta=26C
Vout = 5V [WPC mode] Ta=85C
Vout = 4.5V [WPC mode] Ta=0C
Vout = 4.5V [WPC mode] Ta=26C
Vout = 4.5V [WPC mode] Ta=85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com