Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver for 5W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9225-R Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button P9225-R Datasheet HTML 20Page - Renesas Technology Corp P9225-R Datasheet HTML 21Page - Renesas Technology Corp P9225-R Datasheet HTML 22Page - Renesas Technology Corp P9225-R Datasheet HTML 23Page - Renesas Technology Corp P9225-R Datasheet HTML 24Page - Renesas Technology Corp P9225-R Datasheet HTML 25Page - Renesas Technology Corp P9225-R Datasheet HTML 26Page - Renesas Technology Corp P9225-R Datasheet HTML 27Page - Renesas Technology Corp P9225-R Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
24
November 12, 2018
Table 13. Interrupt Status Registers
Address and Bit
Register Field Name
R/W Default
Function and Description
0036HEX [7]
INT_Vout_Status
R
0BIN
“0” output voltage has not changed.
“1” output voltage changed.
0036HEX [6]
Reserved
R
0BIN
0036HEX [5]
Reserved
R
0BIN
0036HEX [4]
Reserved
R
0BIN
0036HEX [3]
Reserved
R
0BIN
0036HEX [2]
INT_OVER_TEMP_Status
R
0BIN
“1” indicates over-temperature condition exists.
0036HEX [1]
INT_VRECT_OV_Status
R
0BIN
“1” indicates rectifier over-voltage condition exists.
0036HEX [0]
INT_OC_Limit_Status
R
0BIN
“1” indicates current limit has been exceeded.
0037HEX [7:0]
Reserved
R
00HEX
Note: If any bit in the Interrupt Status register 36HEX is “1” and the corresponding bit in the Interrupt Enable register 38HEX is set to “1,” the
INT pin will be pulled down indicating an interrupt event has occurred.
Table 14. Interrupt Enable Registers
Address and Bit
Register Field Name
R/W Default
Function and Description
0038HEX [7]
Vout_Status_INT_EN
RW
0BIN
“0” disables the INT_Vout_Status interrupt.
"1" enables the interrupt.
0038HEX [6]
Reserved
R
0BIN
0038HEX [5]
Reserved
R
0BIN
0038HEX [4]
Reserved
R
0BIN
0038HEX [3]
Reserved
R
0BIN
0038HEX [2]
OVER_TEMP_INT_EN
RW
0BIN
“0” disables the INT_OVER_TEMP interrupt.
"1" enables the interrupt.
0038HEX [1]
VRECT_OV_INT_EN
RW
0BIN
“0” disables the INT_VRECT_OV interrupt.
"1" enables the interrupt.
0038HEX [0]
OC_Limit_Status_INT_EN
RW
0BIN
“0” disables the INT_OC_Limit_Status interrupt.
"1" enables the interrupt.
0039HEX [7:0]
Reserved
RW
00HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com